Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP511SN27T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP511SN27T1G
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP511SN27T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP511SN27T1G Datasheet HTML 1Page - ON Semiconductor NCP511SN27T1G Datasheet HTML 2Page - ON Semiconductor NCP511SN27T1G Datasheet HTML 3Page - ON Semiconductor NCP511SN27T1G Datasheet HTML 4Page - ON Semiconductor NCP511SN27T1G Datasheet HTML 5Page - ON Semiconductor NCP511SN27T1G Datasheet HTML 6Page - ON Semiconductor NCP511SN27T1G Datasheet HTML 7Page - ON Semiconductor NCP511SN27T1G Datasheet HTML 8Page - ON Semiconductor NCP511SN27T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2015 − Rev. 13
1
Publication Order Number:
NCP511/D
NCP511, NCV511
150 mA CMOS Low Iq
Low-Dropout Voltage
Regulator
The NCP511 series of fixed output low dropout linear regulators are
designed for handheld communication equipment and portable battery
powered applications which require low quiescent current. The
NCP511 series features an ultra−low quiescent current of 40
mA. Each
device contains a voltage reference unit, an error amplifier, a PMOS
power transistor, resistors for setting output voltage, current limit, and
temperature limit protection circuits.
The NCP511 has been designed to be used with low cost ceramic
capacitors and requires a minimum output capacitor of 1.0
mF. The
device is housed in the micro−miniature TSOP−5 surface mount
package. Standard voltage versions are 1.5 V, 1.8 V, 2.5 V, 2.7 V, 2.8 V,
3.0 V, 3.3 V, and 5.0 V. Other voltages are available in 100 mV steps.
Features
Low Quiescent Current of 40 mA Typical
Low Dropout Voltage of 100 mV at 100 mA
Excellent Line and Load Regulation
Maximum Operating Voltage of 6.0 V
Low Output Voltage Option
High Accuracy Output Voltage of 2.0%
Industrial Temperature Range of −40°C to 85°C
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
Typical Applications
Cellular Phones
Battery Powered Instruments
Hand−Held Instruments
Camcorders and Cameras
Driver w/
Current
Limit
Vin
Vout
Thermal
Shutdown
Enable
GND
OFF
ON
1
3
5
2
Figure 1. Representative Block Diagram
This device contains 82 active transistors
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
TSOP−5
SN SUFFIX
CASE 483
PIN CONNECTIONS AND
MARKING DIAGRAM
1
3
N/C
Vin
2
GND
Enable
4
Vout
5
(Top View)
www.onsemi.com
xxx = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - NCP511SN27T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP511SN27T1G ONSEMI-NCP511SN27T1G Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP511SN27T1G ONSEMI-NCP511SN27T1G Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
More results

Similar Description - NCP511SN27T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com