Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP186AMX330TAG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP186AMX330TAG
Description  Fast Transient Response Low Voltage 1 A LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP186AMX330TAG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP186AMX330TAG Datasheet HTML 5Page - ON Semiconductor NCP186AMX330TAG Datasheet HTML 6Page - ON Semiconductor NCP186AMX330TAG Datasheet HTML 7Page - ON Semiconductor NCP186AMX330TAG Datasheet HTML 8Page - ON Semiconductor NCP186AMX330TAG Datasheet HTML 9Page - ON Semiconductor NCP186AMX330TAG Datasheet HTML 10Page - ON Semiconductor NCP186AMX330TAG Datasheet HTML 11Page - ON Semiconductor NCP186AMX330TAG Datasheet HTML 12Page - ON Semiconductor NCP186AMX330TAG Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NCP186
www.onsemi.com
10
TYPICAL CHARACTERISTICS
VIN = VOUT−NOM + 0.5 V or VIN = 1.8 V, whichever is greater, VEN = 1.2 V, IOUT = 1 mA, CIN = COUT = 1.0 mF, TJ = 25°C.
Figure 32. Load Transient Response
Figure 33. Load Transient Response
10
ms/div
10
ms/div
Figure 34.
qJA and PD(MAX) vs. Copper Area
PCB COPPER AREA (mm2)
600
500
400
300
200
100
0
60
80
100
120
140
180
200
220
160
0
0.2
0.4
0.6
0.8
1.2
1.6
1.0
VOUT−NOM = 1.2 V
VIN
VOUT
1000 mA
1 mA
1.2 V
tR = tF = 1 ms
VIN
VOUT
1000 mA
3.9 V
tR = tF = 1 ms
IOUT
1 mA
PD(MAX), 2 oz Cu
PD(MAX), 1 oz Cu
qJA, 1 oz Cu
qJA, 2 oz Cu
1.4
IOUT
VOUT−NOM = 3.9 V


Similar Part No. - NCP186AMX330TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800 ONSEMI-NCP1800 Datasheet
93Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
November, 2004 ??Rev. 5
NCP1800DM41 ONSEMI-NCP1800DM41 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800DM41R2 ONSEMI-NCP1800DM41R2 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800DM41R2 ONSEMI-NCP1800DM41R2 Datasheet
93Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
November, 2004 ??Rev. 5
More results

Similar Description - NCP186AMX330TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
logo
Texas Instruments
TPS7A4515 TI-TPS7A4515 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX_0808 TI-TPS7A45XX_0808 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
[Old version datasheet]   LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX_09 Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
logo
ON Semiconductor
NCP176 ONSEMI-NCP176 Datasheet
256Kb / 11P
   Fast Transient Response Low Voltage 500 mA LDO
July, 2015 ??Rev. 3
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com