Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP186AMX280TAG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP186AMX280TAG
Description  Fast Transient Response Low Voltage 1 A LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP186AMX280TAG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP186AMX280TAG Datasheet HTML 1Page - ON Semiconductor NCP186AMX280TAG Datasheet HTML 2Page - ON Semiconductor NCP186AMX280TAG Datasheet HTML 3Page - ON Semiconductor NCP186AMX280TAG Datasheet HTML 4Page - ON Semiconductor NCP186AMX280TAG Datasheet HTML 5Page - ON Semiconductor NCP186AMX280TAG Datasheet HTML 6Page - ON Semiconductor NCP186AMX280TAG Datasheet HTML 7Page - ON Semiconductor NCP186AMX280TAG Datasheet HTML 8Page - ON Semiconductor NCP186AMX280TAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NCP186
www.onsemi.com
3
Table 4. ELECTRICAL CHARACTERISTICS
VIN = VOUT_NOM + 0.5 V or VIN = 1.8 V whichever is greater; IOUT = 1 mA; CIN = COUT = 1.0 mF (effective capacitance) (Note 3);
VEN = 1.2 V; TJ = 25°C; unless otherwise noted. The specifications in bold are guaranteed at −40°C ≤ TJ ≤ 125°C.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
1.8
5.5
V
Output Voltage
VOUT_NOM + 0.5 V ≤ VIN ≤ 5.5 V,
IOUT = 0 to 1 A, −40°C ≤ TJ ≤ 85°C
VOUT
−1.0
1.0
%
VOUT_NOM + 0.5 V ≤ VIN ≤ 5.5 V,
IOUT = 0 to 1 A, −40°C ≤ TJ ≤ 125°C
−2.0
1.0
Load Regulation
IOUT = 1 mA to 1000 mA
LoadReg
0.7
5.0
mV
Line Regulation
VIN = VOUT_NOM + 0.5 V to 5.0 V
LineReg
0.002
0.1
%/V
Dropout Voltage
IOUT = 1 A
When VOUT falls to
VOUT_NOM – 100 mV
VOUT_NOM = 1.2 V
VDO
405
585
mV
VOUT_NOM = 1.75 V
180
295
VOUT_NOM = 1.8 V
175
285
VOUT_NOM = 1.85 V
170
280
VOUT_NOM = 2.5 V
120
190
VOUT_NOM = 2.8 V
110
170
VOUT_NOM = 3.0 V
100
160
VOUT_NOM = 3.3 V
95
145
VOUT_NOM = 3.5 V
92
135
VOUT_NOM = 3.9 V
86
130
Quiescent Current
IOUT = 0 mA
IQ
90
140
mA
Standby Current
VEN = 0 V
ISTBY
0.1
1.5
mA
Output Current Limit
VOUT = 90% of VOUT_NOM
IOCL
1100
1400
mA
Output Short Circuit Current
VOUT = 0 V
IOSC
1100
1400
mA
Enable Input Current
IEN
0.15
0.6
mA
Enable Threshold Voltage
EN Input Voltage “H”
VENH
1.0
V
EN Input Voltage “L”
VENL
0.4
Power Supply Rejection Ratio
VIN = VOUT_NOM + 1.0 V, Ripple 0.2 Vp−p,
IOUT = 30 mA, f = 1 kHz
PSRR
75
dB
Output Noise
f = 10 Hz to 100 kHz
VN
48
mVRMS
Output Discharge Resistance
(NCP186A option only)
VIN = 5.5 V, VEN = 0 V, VOUT = 1.8 V
RAD
34
W
Thermal Shutdown
Temperature
Temperature rising from TJ = +25°C
TSD
165
°C
Thermal Shutdown Hysteresis Temperature falling from TSD
TSDH
20
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Effective capacitance, including the effect of DC bias, tolerance and temperature. See the Application Information section for more
information.


Similar Part No. - NCP186AMX280TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800 ONSEMI-NCP1800 Datasheet
93Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
November, 2004 ??Rev. 5
NCP1800DM41 ONSEMI-NCP1800DM41 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800DM41R2 ONSEMI-NCP1800DM41R2 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800DM41R2 ONSEMI-NCP1800DM41R2 Datasheet
93Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
November, 2004 ??Rev. 5
More results

Similar Description - NCP186AMX280TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
logo
Texas Instruments
TPS7A4515 TI-TPS7A4515 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX_0808 TI-TPS7A45XX_0808 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
[Old version datasheet]   LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX_09 Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
logo
ON Semiconductor
NCP176 ONSEMI-NCP176 Datasheet
256Kb / 11P
   Fast Transient Response Low Voltage 500 mA LDO
July, 2015 ??Rev. 3
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com