Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BC20UDPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRG4BC20UDPBF
Description  ULTRA FAST COPACK IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20UDPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRG4BC20UDPBF Datasheet HTML 2Page - International Rectifier IRG4BC20UDPBF Datasheet HTML 3Page - International Rectifier IRG4BC20UDPBF Datasheet HTML 4Page - International Rectifier IRG4BC20UDPBF Datasheet HTML 5Page - International Rectifier IRG4BC20UDPBF Datasheet HTML 6Page - International Rectifier IRG4BC20UDPBF Datasheet HTML 7Page - International Rectifier IRG4BC20UDPBF Datasheet HTML 8Page - International Rectifier IRG4BC20UDPBF Datasheet HTML 9Page - International Rectifier IRG4BC20UDPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRG4BC20UDPbF
www.irf.com
7
Fig. 14 - Typical Reverse Recovery vs. dif/dt
Fig. 15 - Typical Recovery Current vs. dif/dt
Fig. 16 - Typical Stored Charge vs. dif/dt
Fig. 17 - Typical di(rec)M/dt vs. dif/dt
0
100
200
300
400
500
100
1000
f
di /dt - (A/µs)
I = 16A
I = 8.0A
I = 4.0A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
100
1000
10000
100
1000
f
di /dt - (A/µs)
I = 16A
I = 8.0A
I = 4.0A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
1
10
100
100
1000
f
di /dt - (A/µs)
I = 16A
I = 8.0A
I = 4.0A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
0
20
40
60
80
100
100
1000
f
di /dt - (A/µs)
I = 16A
I = 8.0A
I = 4.0A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J


Similar Part No. - IRG4BC20UDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20UDPBF IRF-IRG4BC20UDPBF Datasheet
351Kb / 11P
   UltraFast CoPack IGBT
More results

Similar Description - IRG4BC20UDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20UD-SPBF IRF-IRG4BC20UD-SPBF_15 Datasheet
365Kb / 11P
   ULTRA FAST COPACK IGBT
IRG4BC30UDPBF IRF-IRG4BC30UDPBF_15 Datasheet
386Kb / 10P
   ULTRA FAST COPACK IGBT
IRG4BC30FD1PBF IRF-IRG4BC30FD1PBF Datasheet
421Kb / 11P
   Fast CoPack IGBT
IRG4BC20UDPBF IRF-IRG4BC20UDPBF Datasheet
351Kb / 11P
   UltraFast CoPack IGBT
logo
Fairchild Semiconductor
SGH80N60UF FAIRCHILD-SGH80N60UF Datasheet
557Kb / 7P
   Ultra-Fast IGBT
SGP13N60UFD FAIRCHILD-SGP13N60UFD Datasheet
595Kb / 8P
   Ultra-Fast IGBT
SGU6N60UF FAIRCHILD-SGU6N60UF Datasheet
506Kb / 7P
   Ultra-Fast IGBT
SGH23N60UFD FAIRCHILD-SGH23N60UFD Datasheet
627Kb / 7P
   Ultra-Fast IGBT
SGH40N60UFDTU FAIRCHILD-SGH40N60UFDTU Datasheet
652Kb / 8P
   Ultra-Fast IGBT
SGP13N60UFTU FAIRCHILD-SGP13N60UFTU Datasheet
542Kb / 7P
   Ultra-Fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com