Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BC10UDPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRG4BC10UDPBF
Description  INDUSTRY STANDARD TO-220AB PACKAGE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC10UDPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRG4BC10UDPBF Datasheet HTML 3Page - International Rectifier IRG4BC10UDPBF Datasheet HTML 4Page - International Rectifier IRG4BC10UDPBF Datasheet HTML 5Page - International Rectifier IRG4BC10UDPBF Datasheet HTML 6Page - International Rectifier IRG4BC10UDPBF Datasheet HTML 7Page - International Rectifier IRG4BC10UDPBF Datasheet HTML 8Page - International Rectifier IRG4BC10UDPBF Datasheet HTML 9Page - International Rectifier IRG4BC10UDPBF Datasheet HTML 10Page - International Rectifier IRG4BC10UDPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRG4BC10UDPbF
10
www.irf.com
Notes:
Repetitive rating: VGE=20V; pulse width limited by maximum junction temperature (figure 20)
‚VCC=80%(VCES), VGE=20V, L=10µH, RG = 100Ω (figure 19)
ƒPulse width ≤ 80µs; duty factor ≤ 0.1%.
„Pulse width 5.0µs, single shot.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 12/03
LEAD ASSIGNMENTS
1 - GATE
2 - DRAIN
3 - SOURCE
4 - DRAIN
- B -
1.32 (.052)
1.22 (.048)
3X 0.55 (.022)
0.46 (.018)
2.92 (.115)
2.64 (.104)
4.69 (.185)
4.20 (.165)
3X
0.93 (.037)
0.69 (.027)
4.06 (.160)
3.55 (.140)
1.15 (.045)
MIN
6.47 (.255)
6.10 (.240)
3.78 (.149)
3.54 (.139)
- A -
10.54 (.415)
10.29 (.405)
2.87 (.113)
2.62 (.103)
15.24 (.600)
14.84 (.584)
14.09 (.555)
13.47 (.530)
3X
1.40 (.055)
1.15 (.045)
2.54 (.100)
2X
0.36 (.014)
M
B A M
4
1
2
3
NOTES:
1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982.
3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB.
2 CONTROLLING DIMENSION : INCH
4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS.
H EXF ET
1- G A T E
2- D R A IN
3- S O UR CE
4- D R A IN
L EAD ASSIG N M E N T S
IG BTs, C oPA C K
1- G A T E
2- C O LL E C T O R
3 - E M ITT E R
4- C O LL E C T O R
TO-220AB Package Outline
TO-220AB Part Marking Information
EX AM P L E:
IN T H E AS S E M B LY LIN E "C "
T H IS IS A N IR F 1 0 10
L O T C O D E 1789
A S S E M B L E D O N W W 19, 1997
PA R T NU M B E R
A SSE M B L Y
LO T CO D E
DA T E C O DE
Y E A R 7 = 1997
LIN E C
W EEK 1 9
LO G O
R E CT IF IE R
IN T E R N AT IO N AL
Note : "P " in as se m b ly lin e
position indic a te s "Lead-Free"


Similar Part No. - IRG4BC10UDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10UDPBF IRF-IRG4BC10UDPBF Datasheet
323Kb / 11P
   INSULATED GATE BIPOLAR TRANSISROT WITH ULTRAFAST SOFR RECOVERY DIODE UltraFast CoPack IGBT
More results

Similar Description - IRG4BC10UDPBF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MJE13005 KEC-MJE13005_06 Datasheet
12Kb / 1P
   TO-220AB PACKAGE
MJE13007 KEC-MJE13007_06 Datasheet
12Kb / 1P
   TO-220AB PACKAGE
KMB075N75P KEC-KMB075N75P Datasheet
15Kb / 1P
   TO-220AB PACKAGE
KF80N08P KEC-KF80N08P Datasheet
29Kb / 1P
   TO-220AB PACKAGE
KTC5027 KEC-KTC5027 Datasheet
12Kb / 1P
   TO-220AB PACKAGE
KMB050N60P KEC-KMB050N60P Datasheet
15Kb / 1P
   TO-220AB PACKAGE
KMB050N60PA KEC-KMB050N60PA Datasheet
422Kb / 1P
   TO-220AB PACKAGE
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com