Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BC10KDPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRG4BC10KDPBF
Description  High short circuit rating optimized for motor control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC10KDPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRG4BC10KDPBF_15 Datasheet HTML 3Page - International Rectifier IRG4BC10KDPBF_15 Datasheet HTML 4Page - International Rectifier IRG4BC10KDPBF_15 Datasheet HTML 5Page - International Rectifier IRG4BC10KDPBF_15 Datasheet HTML 6Page - International Rectifier IRG4BC10KDPBF_15 Datasheet HTML 7Page - International Rectifier IRG4BC10KDPBF_15 Datasheet HTML 8Page - International Rectifier IRG4BC10KDPBF_15 Datasheet HTML 9Page - International Rectifier IRG4BC10KDPBF_15 Datasheet HTML 10Page - International Rectifier IRG4BC10KDPBF_15 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRG4BC10KDPbF
www.irf.com
9
Vg GATE SIGNAL
DEVICE UNDER TEST
CURRENT D.U.T.
VOLTAGE IN D.U.T.
CURRENT IN D1
t0
t1
t2
D.U.T.
V *
c
50V
L
1000V
6000µF
100V
Figure 19. Clamped Inductive Load Test Circuit
Figure 20. Pulsed Collector Current
Test Circuit
RL=
480V
4 X IC @25°C
0 - 480V
Figure 18e. Macro Waveforms for Figure 18a's Test Circuit


Similar Part No. - IRG4BC10KDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10KDPBF IRF-IRG4BC10KDPBF Datasheet
265Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC10KDPBF IRF-IRG4BC10KDPBF Datasheet
274Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4BC10KDPBF_15

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD6651 YOUDA-YD6651 Datasheet
75Kb / 3P
   MOTOR CONTROL CIRCUIT
logo
BCD Semiconductor Manuf...
AM6651B BCDSEMI-AM6651B Datasheet
97Kb / 9P
   MOTOR CONTROL CIRCUIT
logo
Unisonic Technologies
AN6652 UTC-AN6652_16 Datasheet
155Kb / 5P
   MOTOR CONTROL CIRCUIT
logo
Panasonic Semiconductor
AN6651 PANASONIC-AN6651 Datasheet
97Kb / 3P
   Motor Control Circuit
logo
Seaward Electronics Inc...
SE6651 SEAWARD-SE6651 Datasheet
120Kb / 4P
   Motor Control Circuit
logo
Unisonic Technologies
AN6652 UTC-AN6652 Datasheet
111Kb / 3P
   MOTOR CONTROL CIRCUIT
logo
Panasonic Semiconductor
AN6652 PANASONIC-AN6652 Datasheet
33Kb / 2P
   Motor Control Circuit
logo
Wuxi Youda electronics ...
YD6651B YOUDA-YD6651B Datasheet
84Kb / 3P
   MOTOR CONTROL CIRCUIT
YD6652 YOUDA-YD6652 Datasheet
129Kb / 3P
   MOTOR CONTROL CIRCUIT
logo
Unisonic Technologies
AN6652 UTC-AN6652_15 Datasheet
115Kb / 3P
   MOTOR CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com