Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE71S6082 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE71S6082
Description  Single Pole Twelve Throw Relay Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6082 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE71S6082 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6082 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6082 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6082 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PE71S6082 CAD Drawing
SP12T Electromechanical Relay Switch DC to 12.4 GHz, SMA,
240 Watts, 28V Control, 30V Indicator with Latching
PE71S6082 REV 1.0


Similar Part No. - PE71S6082

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6080 PASTERNACK-PE71S6080 Datasheet
429Kb / 4P
   Single Pole Eight Throw Relay Switch
PE71S6081 PASTERNACK-PE71S6081 Datasheet
454Kb / 4P
   Single Pole Eight Throw Relay Switch
PE71S6083 PASTERNACK-PE71S6083 Datasheet
443Kb / 4P
   Single Pole Twelve Throw Relay Switch
PE71S6084 PASTERNACK-PE71S6084 Datasheet
433Kb / 4P
   Single Pole Six Throw Relay Switch
PE71S6085 PASTERNACK-PE71S6085 Datasheet
409Kb / 4P
   Single Pole Six Throw Relay Switch
More results

Similar Description - PE71S6082

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6083 PASTERNACK-PE71S6083 Datasheet
443Kb / 4P
   Single Pole Twelve Throw Relay Switch
PE71S6064 PASTERNACK-PE71S6064 Datasheet
399Kb / 4P
   Single Pole Double Throw Relay Switch
PE71S6080 PASTERNACK-PE71S6080 Datasheet
429Kb / 4P
   Single Pole Eight Throw Relay Switch
PE71S6085 PASTERNACK-PE71S6085 Datasheet
409Kb / 4P
   Single Pole Six Throw Relay Switch
PE71S6088 PASTERNACK-PE71S6088 Datasheet
427Kb / 4P
   Single Pole Six Throw Relay Switch
PE71S6053 PASTERNACK-PE71S6053 Datasheet
384Kb / 4P
   Single Pole Double Throw Relay Switch
PE71S6056 PASTERNACK-PE71S6056 Datasheet
394Kb / 4P
   Single Pole Double Throw Relay Switch
PE71S6072 PASTERNACK-PE71S6072 Datasheet
435Kb / 4P
   Single Pole Six Throw Relay Switch
PE71S6077 PASTERNACK-PE71S6077 Datasheet
437Kb / 4P
   Single Pole Six Throw Relay Switch
PE71S6081 PASTERNACK-PE71S6081 Datasheet
454Kb / 4P
   Single Pole Eight Throw Relay Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com