Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP161 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP161
Description  450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP161 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP161 Datasheet HTML 1Page - ON Semiconductor NCP161 Datasheet HTML 2Page - ON Semiconductor NCP161 Datasheet HTML 3Page - ON Semiconductor NCP161 Datasheet HTML 4Page - ON Semiconductor NCP161 Datasheet HTML 5Page - ON Semiconductor NCP161 Datasheet HTML 6Page - ON Semiconductor NCP161 Datasheet HTML 7Page - ON Semiconductor NCP161 Datasheet HTML 8Page - ON Semiconductor NCP161 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NCP161
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 3. Output Voltage vs. Temperature −
VOUT = 1.8 V − XDFN Package
Figure 4. Output Voltage vs. Temperature −
VOUT = 2.5 V − XDFN Package
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
120
100
80
60
20
0
−20
−40
1.780
1.785
1.790
1.810
1.800
1.805
1.815
1.820
120
100
80
60
40
0
−20
−40
2.480
2.485
2.490
2.495
2.500
2.510
2.515
2.520
Figure 5. Output Voltage vs. Temperature −
VOUT = 3.3 V − XDFN Package
Figure 6. Output Voltage vs. Temperature −
VOUT = 3.3 V − CSP Package
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
120
100
80
40
20
0
−20
−40
3.25
3.26
3.27
3.28
3.29
3.31
3.32
3.33
120
100
80
60
40
0
−20
−40
3.27
3.28
3.29
3.30
3.31
3.33
3.34
3.35
Figure 7. Output Voltage vs. Temperature −
VOUT = 5.14 V − XDFN Package
Figure 8. Line Regulation vs. Temperature −
VOUT = 1.8 V
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
120
100
60
40
20
0
−20
−40
5.11
5.12
5.13
5.14
5.15
5.17
5.18
5.19
120
100
80
60
20
0
−20
−40
0
0.001
0.003
0.004
0.005
0.007
0.009
0.010
40
140
1.795
IOUT = 10 mA
IOUT = 450 mA
VIN = 2.8 V
VOUT = 1.8 V
CIN = 1 mF
COUT = 1 mF
20
140
2.505
IOUT = 10 mA
IOUT = 450 mA
VIN = 3.5 V
VOUT = 2.5 V
CIN = 1 mF
COUT = 1 mF
IOUT = 10 mA
IOUT = 450 mA
VIN = 4.3 V
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
3.30
60
140
20
140
VIN = 4.3 V
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
IOUT = 10 mA and 450 mA
3.32
80
140
IOUT = 10 mA
IOUT = 450 mA
VIN = 5.5 V
VOUT = 5.14 V
CIN = 1 mF
COUT = 1 mF
5.16
40
140
0.002
0.006
0.008
VIN = 2.8 V
VOUT = 1.8 V
CIN = 1 mF
COUT = 1 mF


Similar Part No. - NCP161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1611ADR2G ONSEMI-NCP1611ADR2G Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1611ADR2G ONSEMI-NCP1611ADR2G Datasheet
813Kb / 29P
   Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
NCP1611BDR2G ONSEMI-NCP1611BDR2G Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1611BDR2G ONSEMI-NCP1611BDR2G Datasheet
813Kb / 29P
   Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
More results

Similar Description - NCP161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP161 ONSEMI-NCP161_16 Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
NCV8165 ONSEMI-NCV8165 Datasheet
328Kb / 10P
   LDO Regulator for RF and Analog Circuits - Ultra-Low Noise and High PSRR 500 mA
September, 2019 ??Rev. 1
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
NCP167 ONSEMI-NCP167 Datasheet
442Kb / 13P
   LDO Regulator - Ultra-Low Noise, High PSRR, RF and Analog Circuits 700 mA
September, 2019 ??Rev. 3
logo
Will Semiconductor Ltd.
WL2863D WILLSEMI-WL2863D Datasheet
823Kb / 10P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
WL2863E WILLSEMI-WL2863E Datasheet
900Kb / 13P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
logo
ON Semiconductor
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
NCP163 ONSEMI-NCP163 Datasheet
469Kb / 13P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
October, 2016 ??Rev. 0
NCP148 ONSEMI-NCP148 Datasheet
578Kb / 12P
   Ultra-Low Noise High PSRR LDO Regulator Analog Circuits
June, 2017 ??Rev. 0
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com