Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP160AFCS285T2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP160AFCS285T2G
Description  250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP160AFCS285T2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP160AFCS285T2G Datasheet HTML 1Page - ON Semiconductor NCP160AFCS285T2G Datasheet HTML 2Page - ON Semiconductor NCP160AFCS285T2G Datasheet HTML 3Page - ON Semiconductor NCP160AFCS285T2G Datasheet HTML 4Page - ON Semiconductor NCP160AFCS285T2G Datasheet HTML 5Page - ON Semiconductor NCP160AFCS285T2G Datasheet HTML 6Page - ON Semiconductor NCP160AFCS285T2G Datasheet HTML 7Page - ON Semiconductor NCP160AFCS285T2G Datasheet HTML 8Page - ON Semiconductor NCP160AFCS285T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NCP160
www.onsemi.com
2
Figure 2. Simplified Schematic Block Diagram
IN
THERMAL
SHUTDOWN
MOSFET
DRIVER WITH
CURRENT LIMIT
INTEGRATED
SOFT−START
BANDGAP
REFERENCE
ENABLE
LOGIC
EN
OUT
GND
EN
* ACTIVE DISCHARGE
Version A only
PIN FUNCTION DESCRIPTION
Pin No.
CSP4
Pin No.
XDFN4
Pin
Name
Description
A1
4
IN
Input voltage supply pin
A2
1
OUT
Regulated output voltage. The output should be bypassed with small 1
mF ceramic capacitor.
B1
3
EN
Chip enable: Applying VEN < 0.4 V disables the regulator, Pulling VEN > 1.2 V enables the LDO.
B2
2
GND
Common ground connection
EPAD
EPAD
Expose pad can be tied to ground plane for better power dissipation
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
−0.3 V to
6
V
Output Voltage
VOUT
−0.3 to VIN + 0.3, max. 6 V
V
Chip Enable Input
VCE
−0.3 to VIN + 0.3, max. 6 V
V
Output Short Circuit Duration
tSC
unlimited
s
Maximum Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
−55 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per EIA/JESD22−A114
ESD Machine Model tested per EIA/JESD22−A115
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, CSP4 (Note 3)
Thermal Resistance, Junction−to−Air
RqJA
108
°C/W
Thermal Characteristics, XDFN4 (Note 3)
Thermal Resistance, Junction−to−Air
198.1
3. Measured according to JEDEC board specification. Detailed description of the board can be found in JESD51−7


Similar Part No. - NCP160AFCS285T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1600 ONSEMI-NCP1600 Datasheet
396Kb / 23P
   High Voltage PFC Controller
July, 2006 ??Rev. 2
NCP1601 ONSEMI-NCP1601 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1601 ONSEMI-NCP1601 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1601A ONSEMI-NCP1601A Datasheet
160Kb / 18P
   Compact Fixed Frequency Discontinuous or Critical Conduction Voltage Mode Power Factor Correction Controller
December, 2005 ??Rev. 4
NCP1601ADR2 ONSEMI-NCP1601ADR2 Datasheet
160Kb / 18P
   Compact Fixed Frequency Discontinuous or Critical Conduction Voltage Mode Power Factor Correction Controller
December, 2005 ??Rev. 4
More results

Similar Description - NCP160AFCS285T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP161 ONSEMI-NCP161 Datasheet
733Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
June, 2015 ??Rev. 5
NCV8165 ONSEMI-NCV8165 Datasheet
328Kb / 10P
   LDO Regulator for RF and Analog Circuits - Ultra-Low Noise and High PSRR 500 mA
September, 2019 ??Rev. 1
NCP167 ONSEMI-NCP167 Datasheet
442Kb / 13P
   LDO Regulator - Ultra-Low Noise, High PSRR, RF and Analog Circuits 700 mA
September, 2019 ??Rev. 3
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
NCP163 ONSEMI-NCP163 Datasheet
469Kb / 13P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
October, 2016 ??Rev. 0
logo
Texas Instruments
LP5907_1212 TI1-LP5907_1212 Datasheet
1Mb / 21P
[Old version datasheet]   ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
logo
Will Semiconductor Ltd.
WL2863D WILLSEMI-WL2863D Datasheet
823Kb / 10P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
WL2863E WILLSEMI-WL2863E Datasheet
900Kb / 13P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
logo
ON Semiconductor
NCP161 ONSEMI-NCP161_16 Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
NCP148 ONSEMI-NCP148 Datasheet
578Kb / 12P
   Ultra-Low Noise High PSRR LDO Regulator Analog Circuits
June, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com