Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP114BMX130TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP114BMX130TCG
Description  300 mA CMOS Low Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP114BMX130TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP114BMX130TCG Datasheet HTML 1Page - ON Semiconductor NCP114BMX130TCG Datasheet HTML 2Page - ON Semiconductor NCP114BMX130TCG Datasheet HTML 3Page - ON Semiconductor NCP114BMX130TCG Datasheet HTML 4Page - ON Semiconductor NCP114BMX130TCG Datasheet HTML 5Page - ON Semiconductor NCP114BMX130TCG Datasheet HTML 6Page - ON Semiconductor NCP114BMX130TCG Datasheet HTML 7Page - ON Semiconductor NCP114BMX130TCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2015
March, 2015 − Rev. 0
1
Publication Order Number:
NCP121/D
NCP121
150 mA, High Accuracy,
Very Low Dropout Bias Rail
CMOS Voltage Regulator
The NCP121 is a high accuracy 150 mA VLDO equipped with
NMOS pass transistor and a separate bias supply voltage (VBIAS). The
device provides stable, very accurate output voltage with low noise
suitable for space constrained, noise sensitive applications. In order to
optimize performance for battery operated portable applications, the
NCP121 features low IQ consumption. The XDFN6 1.2 mm x 1.2 mm
package is optimized for use in space constrained applications.
Features
Input Voltage Range: 0.8 V to 5.5 V
Bias Voltage Range: 2.4 V to 5.5 V
Fixed Output Voltage Device
Output Voltage Range: 0.8 V to 2.1 V
±1.0% Accuracy over Line, Load and Temperature, 0.2% VOUT @
25
°C
Ultra−Low Dropout: 75 mV Maximum at 150 mA
Very Low Bias Input Current of Typ. 80 mA
Very Low Bias Input Current in Disable Mode: Typ. 0.5 mA
Logic Level Enable Input for ON/OFF control
Output Active Discharge Option available
Stable with a 1 mF Ceramic Capacitor
Available in XDFN6 − 1.2 mm x 1.2 mm x 0.4 mm package
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
Battery−powered Equipment
Smartphones, Tablets
Cameras, DVRs, STB and Camcorders
BIAS
IN
EN
OUT
GND
1
mF
VOUT
1.05 V @ 150 mA
VBIAS
2.7 V
VIN
1.2 V
VEN
1
mF
100 nF
NCP121
Figure 1. Typical Application Schematics
www.onsemi.com
See detailed ordering, marking and shipping information on
page 7 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
PIN CONNECTIONS
Thermal
T
Pad
1
2
3
6
5
4
OUT
NC
EN
IN
GND
BIAS
(Top VIew)
XDFN6
CASE 711AT
X M
X
= Specific Device Code
M
= Date Code


Similar Part No. - NCP114BMX130TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP114BMX130TCG ONSEMI-NCP114BMX130TCG Datasheet
800Kb / 17P
   300 mA CMOS Low Dropout Regulator
June, 2016 ??Rev. 21
More results

Similar Description - NCP114BMX130TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
   300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
NCP114 ONSEMI-NCP114_16 Datasheet
800Kb / 17P
   300 mA CMOS Low Dropout Regulator
June, 2016 ??Rev. 21
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Analog Devices
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com