Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFZ24NPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFZ24NPBF
Description  ADVANCED PROCESS TECHNOLOGY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ24NPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFZ24NPBF_15 Datasheet HTML 1Page - International Rectifier IRFZ24NPBF_15 Datasheet HTML 2Page - International Rectifier IRFZ24NPBF_15 Datasheet HTML 3Page - International Rectifier IRFZ24NPBF_15 Datasheet HTML 4Page - International Rectifier IRFZ24NPBF_15 Datasheet HTML 5Page - International Rectifier IRFZ24NPBF_15 Datasheet HTML 6Page - International Rectifier IRFZ24NPBF_15 Datasheet HTML 7Page - International Rectifier IRFZ24NPBF_15 Datasheet HTML 8Page - International Rectifier IRFZ24NPBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
IRFZ24NPbF
Fifth Generation HEXFET® power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve the lowest possible on-resistance
per silicon area. This benefit, combined with the fast
switching speed and ruggedized device design that HEXFET
power MOSFETs are well known for, provides the designer
with an extremely efficient device for use in a wide variety
of applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 watts. The low thermal resistance
and low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
l
Advanced Process Technology
l
Dynamic dv/dt Rating
l
175°C Operating Temperature
l
Fast Switching
l
Fully Avalanche Rated
Description
2/10/04
VDSS = 55V
RDS(on) = 0.07Ω
ID = 17A
S
D
G
TO-220AB
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
––––
––––
3.3
RθCS
Case-to-Sink, Flat, Greased Surface
––––
0.50
––––
°C/W
RθJA
Junction-to-Ambient
––––
––––
62
Thermal Resistance
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
17
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
12
A
IDM
Pulsed Drain Current #
68
PD @TC = 25°C
Power Dissipation
45
W
Linear Derating Factor
0.30
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ‚
71
mJ
IAR
Avalanche Current
10
A
EAR
Repetitive Avalanche Energy
4.5mJ
dv/dt
Peak Diode Recovery dv/dt ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
www.irf.com
1
PD - 94990
l
Lead-Free


Similar Part No. - IRFZ24NPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ24NPBF IRF-IRFZ24NPBF Datasheet
238Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRFZ24NPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com