Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP103AMX105TCG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP103AMX105TCG
Description  150 mA CMOS Low Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP103AMX105TCG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP103AMX105TCG Datasheet HTML 5Page - ON Semiconductor NCP103AMX105TCG Datasheet HTML 6Page - ON Semiconductor NCP103AMX105TCG Datasheet HTML 7Page - ON Semiconductor NCP103AMX105TCG Datasheet HTML 8Page - ON Semiconductor NCP103AMX105TCG Datasheet HTML 9Page - ON Semiconductor NCP103AMX105TCG Datasheet HTML 10Page - ON Semiconductor NCP103AMX105TCG Datasheet HTML 11Page - ON Semiconductor NCP103AMX105TCG Datasheet HTML 12Page - ON Semiconductor NCP103AMX105TCG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NCP103
www.onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 26. Enable Turn−on Response,
COUT = 1 mF, IOUT = 1 mA
Figure 27. Enable Turn−on Response,
COUT = 1 mF, IOUT = 150 mA
VIN = 3.8 V
VOUT = 2.8 V
VEN = 1 V
COUT = 1 mF
CIN = 1 mF
IOUT = 1 mA
IINRUSH
40
ms/div
VEN
VOUT
VIN = 3.8 V
VOUT = 2.8 V
VEN = 1 V
COUT = 1 mF
CIN = 1 mF
IOUT = 150 mA
VEN
IINRUSH
VOUT
40
ms/div
Figure 28. Enable Turn−on Response,
COUT = 4.7 mF, IOUT = 1 mA
IINRUSH
40
ms/div
VEN
VOUT
VIN = 3.8 V
VOUT = 2.8 V
VEN = 1 V
COUT = 1 mF
CIN = 1 mF
IOUT = 1 mA
VIN = 3.8 V
VOUT = 2.8 V
VEN = 1 V
COUT = 1 mF
CIN = 1 mF
IOUT = 150 mA
Figure 29. Enable Turn−on Response,
COUT = 4.7 mF, IOUT = 150 mA
40
ms/div
IINRUSH
VEN
VOUT
Figure 30. Line Transient Response − Rising
Edge, VOUT = 2.8 V, IOUT = 1 mA
20
ms/div
tRISE = 1 ms
VIN
VOUT
Figure 31. Line Transient Response − Falling
Edge, VOUT = 2.8 V, IOUT = 1 mA
10
ms/div
tFALL = 1 ms
VOUT
VIN
VIN = 3.8 V to 4.8 V
VOUT = 2.8 V
COUT = 1 mF
CIN = 1 mF
IOUT = 1 mA
VIN = 4.8 V to 3.8 V
VOUT = 2.8 V
COUT = 1 mF
CIN = 1 mF
IOUT = 1 mA


Similar Part No. - NCP103AMX105TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP103AMX105TCG ONSEMI-NCP103AMX105TCG Datasheet
676Kb / 15P
   150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
NCP103AMX105TCG ONSEMI-NCP103AMX105TCG Datasheet
676Kb / 15P
   CMOS Low Dropout Regulator
December, 2017 ??Rev. 13
More results

Similar Description - NCP103AMX105TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP103 ONSEMI-NCP103_16 Datasheet
676Kb / 15P
   150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Analog Devices
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710 Datasheet
405Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com