Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A3262 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE15A3262
Description  Gain 30 dB min
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3262 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE15A3262 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3262 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3262 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3262 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3262 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A3262 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TECHNICAL DATA SHEET
The PE15A3262 is a 20 dBm power amplifier designed for operation in the 1 GHz to 18 GHz frequency range. The amplifier
utilizes high power devices that provide excellent linearity and high gain. High efficiency operation is achieved by using hybrid
MIC designs and advanced GaAs PHEMT devices. The amplifier requires only +12 VDC power supply.
Features
1 GHz to 18 GHz Frequency Range
P1dB +19 dBm typ.
Psat 20 dBm min
Gain 30 dB min.
Gain Flatness +/-1.5 dB typ
Applications
Medium Power Amplifier
Driver Amp
Military Communications
Broadband Communication
Test & Measurement
Electrical Specifications (TA = +25°C, DC Voltage = 12Volts, DC Current = 240mA)
Description
Minimum
Typical
Maximum
Units
Frequency Range
1
18
GHz
Gain
30
dB
Gain Flatness
±1.5
dB
Gain Variance at OTR*
±1.5
dB
Output at 1 dB Compression Point
+19
dBm
Saturation Output Power
+20
dBm
Noise Figure at 1 to 2 GHz
3.7
dB
Noise Figure at 2 to 18 GHz
3.2
dB
Input VSWR
2:1
2.5:1
Output VSWR
2:1
2.5:1
Operating DC Voltage
11
12
13
Volts
Operating DC Current
240
270
mA
Operating Temperature Range (OTR)
-54
+71
°C
. .
*OTR= Base Plate Operating Temperature Range
Environmental Specifications
Temperature
Operating Range
-54 to +71 deg C
.
Shock
RTCS, DO-160C
Vibration
RTCS, DO-160C
Temperature Cycle
MIL-STD-883, METHOD 1010
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 20 dBm Psat, 1 GHz to 18 GHz, Medium Power Broadband Amplifier, 30 dB Gain, SMA
PE15A3262
PE15A3262
PE15A3262 REV 1.0
20 dBm Psat, 1 GHz to 18 GHz, Medium Power
Broadband Amplifier, 30 dB Gain, SMA


Similar Part No. - PE15A3262

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3260 PASTERNACK-PE15A3260 Datasheet
613Kb / 6P
   Single DC Positive Supply
PE15A3261 PASTERNACK-PE15A3261 Datasheet
525Kb / 5P
   Gain 22 dB typ
PE15A3263 PASTERNACK-PE15A3263 Datasheet
463Kb / 6P
   15 dBm P1dB, 500 MHz to 18 GHz, Medium Power Broadband Amplifier, 33 dB Gain, SMA
PE15A3264 PASTERNACK-PE15A3264 Datasheet
635Kb / 6P
   IP3 34 dBm typ
PE15A3265 PASTERNACK-PE15A3265 Datasheet
461Kb / 5P
   2 GHz to 18 GHz Frequency Range
More results

Similar Description - PE15A3262

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3017 PASTERNACK-PE15A3017 Datasheet
460Kb / 5P
   Gain 36 dB min
PE15A3501 PASTERNACK-PE15A3501 Datasheet
460Kb / 5P
   Gain of 30 dB typ
logo
PREMIER DEVICES, INC.
P1935 PDI-P1935 Datasheet
203Kb / 5P
   Power Amplifier 1880-1920 MHz 35 dB min. Gain @ 1900MHz
logo
NXP Semiconductors
BGY68 NXP-BGY68_01 Datasheet
54Kb / 8P
   75 MHz, 30 dB gain reverse amplifier
2001 Oct 18
logo
Quanzhou Jinmei Electro...
BGY68_2015 JMNIC-BGY68_2015 Datasheet
54Kb / 8P
   75 MHz, 30 dB gain reverse amplifier
BGY68 JMNIC-BGY68_15 Datasheet
54Kb / 8P
   75 MHz, 30 dB gain reverse amplifier
logo
Pasternack Enterprises,...
PE15A4006 PASTERNACK-PE15A4006 Datasheet
483Kb / 6P
   30 dB Gain, 38 dBm IP3, 3 dB NF, SMA
PE15A4007 PASTERNACK-PE15A4007 Datasheet
481Kb / 6P
   30 dB Gain, 45 dBm IP3, 5 dB NF, SMA
logo
M/A-COM Technology Solu...
AM-119 MA-COM-AM-119 Datasheet
81Kb / 3P
   High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
logo
Tyco Electronics
AM-AMC-119 MACOM-AM-AMC-119 Datasheet
217Kb / 3P
   High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com