Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A3258 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE15A3258
Description  50 Ohm Input and Output Matched
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3258 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE15A3258 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3258 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3258 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3258 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3258 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
TECHNICAL DATA SHEET
PE15A3258
PE15A3258 REV 1.0
3 dB NF, 2 GHz to 18 GHz, Low Noise
Broadband Amplifier, 33 dB Gain, SMA
3 dB NF, 2 GHz to 18 GHz, Low Noise Broadband Amplifier, 33 dB Gain, SMA from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3 dB NF, 2 GHz to 18 GHz, Low Noise Broadband Amplifier, 33 dB Gain, SMA PE15A3258
URL: http://www.pasternack.com/3-db-18-ghz-low-noise-broadband-amplifier-33-db-gain-sma-pe15a3258-p.aspx


Similar Part No. - PE15A3258

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3253 PASTERNACK-PE15A3253 Datasheet
494Kb / 8P
   Unconditionally Stable
PE15A3254 PASTERNACK-PE15A3254 Datasheet
482Kb / 8P
   Unconditionally Stable
PE15A3255 PASTERNACK-PE15A3255 Datasheet
527Kb / 5P
   Unconditionally Stable
PE15A3256 PASTERNACK-PE15A3256 Datasheet
581Kb / 5P
   Unconditionally Stable
PE15A3257 PASTERNACK-PE15A3257 Datasheet
529Kb / 5P
   Unconditionally Stable
More results

Similar Description - PE15A3258

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3008 PASTERNACK-PE15A3008 Datasheet
596Kb / 5P
   50 Ohm Input and Output Matched
PE15A5008 PASTERNACK-PE15A5008 Datasheet
487Kb / 6P
   50 Ohm Input and Output Matched
PE15A3901 PASTERNACK-PE15A3901 Datasheet
428Kb / 6P
   50 Ohm Input and Output Matched
PE15A3021 PASTERNACK-PE15A3021 Datasheet
499Kb / 4P
   50 Ohm Input and Output Matched
PE15A4012 PASTERNACK-PE15A4012 Datasheet
468Kb / 6P
   50 Ohm Input and Output Matched
PE15A5006 PASTERNACK-PE15A5006 Datasheet
525Kb / 6P
   50 Ohm Input and Output Matched
PE15A4011 PASTERNACK-PE15A4011 Datasheet
502Kb / 5P
   50 Ohm Input and Output Matched
PE15A5005 PASTERNACK-PE15A5005 Datasheet
515Kb / 6P
   50 Ohm Input and Output Matched
PE15A5009 PASTERNACK-PE15A5009 Datasheet
512Kb / 5P
   50 Ohm Input and Output Matched
logo
Marki Microwave
EQ3-26 MARKIMICROWAVE-EQ3-26 Datasheet
869Kb / 4P
   Matched 50 Ohm Impedance on Input and Output Ports
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com