Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A3256 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE15A3256
Description  Unconditionally Stable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3256 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE15A3256 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3256 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3256 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3256 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3256 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
TECHNICAL DATA SHEET
Power Data
dB
dB
-30
-20
-10
0
10
20
30
40
Freq.(MHz)
Gain, Input Return Loss and Output Return Loss
Gain(dB) 25 C
IN_Return Loss(dB)
OUT_Return Loss(dB)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Freq.(MHz)
Noise Figure
Noise Figure
PE15A3256
PE15A3256 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 18 dBm, 100 MHz to 18 GHz, Low Noise Broadband Amplifier, 28 dB Gain, 28 dBm IP3, SMA
PE15A3256
18 dBm, 100 MHz to 18 GHz, Low Noise Broadband
Amplifier, 28 dB Gain, 28 dBm IP3, SMA


Similar Part No. - PE15A3256

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3253 PASTERNACK-PE15A3253 Datasheet
494Kb / 8P
   Unconditionally Stable
PE15A3254 PASTERNACK-PE15A3254 Datasheet
482Kb / 8P
   Unconditionally Stable
PE15A3255 PASTERNACK-PE15A3255 Datasheet
527Kb / 5P
   Unconditionally Stable
PE15A3257 PASTERNACK-PE15A3257 Datasheet
529Kb / 5P
   Unconditionally Stable
PE15A3258 PASTERNACK-PE15A3258 Datasheet
590Kb / 5P
   50 Ohm Input and Output Matched
More results

Similar Description - PE15A3256

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5027 PASTERNACK-PE15A5027 Datasheet
508Kb / 5P
   Unconditionally Stable
PE15A3254 PASTERNACK-PE15A3254 Datasheet
482Kb / 8P
   Unconditionally Stable
PE15A4025 PASTERNACK-PE15A4025 Datasheet
509Kb / 4P
   Unconditionally Stable
PE15A4017 PASTERNACK-PE15A4017 Datasheet
516Kb / 4P
   Unconditionally Stable
PE15A4021 PASTERNACK-PE15A4021 Datasheet
479Kb / 4P
   Unconditionally Stable
PE15A8001 PASTERNACK-PE15A8001 Datasheet
392Kb / 3P
   Unconditionally Stable
PE15A5018 PASTERNACK-PE15A5018 Datasheet
817Kb / 7P
   Unconditionally Stable
PE15A5020 PASTERNACK-PE15A5020 Datasheet
807Kb / 8P
   Unconditionally Stable
logo
L3Harris Narda-MITEQ
LNA-20-00100400-15-10P L3HARRIS-LNA-20-00100400-15-10P Datasheet
573Kb / 3P
   Unconditionally stable
LNA-20-00100400-15-15P L3HARRIS-LNA-20-00100400-15-15P Datasheet
584Kb / 3P
   Unconditionally stable
logo
Pasternack Enterprises,...
PE15A5024 PASTERNACK-PE15A5024 Datasheet
538Kb / 5P
   Unconditionally Stable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com