Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPM9014 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LPM9014
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPM9014 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LPM9014 Datasheet HTML 1Page - Lowpower Semiconductor inc LPM9014 Datasheet HTML 2Page - Lowpower Semiconductor inc LPM9014 Datasheet HTML 3Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LPM9014
LPM9014 Sep..-2003
1-3
LPM9014
N-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = 20V
ID = 4.2A
RDS(ON) < 50mΩ (VGS = 4.5V)
RDS(ON) < 63mΩ (VGS = 2.5V)
RDS(ON) < 87mΩ (VGS = 1.8V)
General Description
The
LPM9014
uses
advanced
trench technology to provide excellent
RDS(ON),
low
gate
charge
and
operation with gate voltages as low as
1.8V. This device is suitable for use as a
load switch or in PWM applications.
Standard Product LPM9014 is Pb-free
(meets
ROHS
&
Sony
259
specifications). LPM9014L is a Green
Product ordering option. LPM9014 and
LPM9014L are electrically identical.
Pin Configurations


Similar Part No. - LPM9014

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LPM9013 POWER-LPM9013 Datasheet
410Kb / 7P
   P-Channel Enhancement Mode Field Effect Transistor
LPM9017 POWER-LPM9017 Datasheet
802Kb / 7P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - LPM9014

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com