Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A3017 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE15A3017
Description  Gain 36 dB min
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3017 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE15A3017 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3017 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3017 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3017 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3017 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
TECHNICAL DATA SHEET
Typical Performance Data
dB
dB
-50
-40
-30
-20
-10
0
10
20
30
40
50
Freq.(GHz)
Gain, Input Return Loss and Output Return Loss
Gain(dB )@+25 C
IN_Return Loss(dB)
OUT_Return Loss(dB)
0
5
10
15
20
25
30
35
40
45
50
Freq.(GHz)
Gain vs Temperature
Gain(dB )@+25 C
Gain(dB) @+70
Gain(dB) @-30
PE15A3017
PE15A3017 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 500 mW P1dB, 6 GHz to 18 GHz, Medium Power Broadband Amplifier, 36 dB Gain, SMA
PE15A3017
500 mW P1dB, 6 GHz to 18 GHz, Medium Power
Broadband Amplifier, 36 dB Gain, SMA


Similar Part No. - PE15A3017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3014 PASTERNACK-PE15A3014 Datasheet
473Kb / 6P
   P1dB 24 dBm min
PE15A3015 PASTERNACK-PE15A3015 Datasheet
472Kb / 6P
   P1dB 24 dBm min
PE15A3016 PASTERNACK-PE15A3016 Datasheet
450Kb / 4P
   2 GHz to 8 GHz Frequency Range
PE15A3018 PASTERNACK-PE15A3018 Datasheet
476Kb / 6P
   6 GHz to 18 GHz Frequency Range
PE15A3019 PASTERNACK-PE15A3019 Datasheet
451Kb / 4P
   6 GHz to 18 GHz Frequency Range
More results

Similar Description - PE15A3017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3262 PASTERNACK-PE15A3262 Datasheet
497Kb / 6P
   Gain 30 dB min
logo
PREMIER DEVICES, INC.
P1935 PDI-P1935 Datasheet
203Kb / 5P
   Power Amplifier 1880-1920 MHz 35 dB min. Gain @ 1900MHz
logo
Samsung semiconductor
TIP105 SAMSUNG-TIP105 Datasheet
262Kb / 6P
   PNP (HIGH DC CURRENT GAIN MIN
logo
KR Electronics, Inc.
3232-N KR-3232-N Datasheet
57Kb / 3P
   125 MHz min 1 dB Bandwidth
3037 KR-3037 Datasheet
61Kb / 2P
   25 MHz Highpass Filter Sharp Elliptic Type 36 dB min Rejection at 20 MHz
2159-35-50 KR-2159-35-50 Datasheet
53Kb / 3P
   3.5 MHz min 3 dB Bandwidth
2159-3.5-50 KR-2159-3.5-50 Datasheet
53Kb / 3P
   3.5 MHz min 3 dB Bandwidth
logo
Texas Instruments
TRF37A75 TI1-TRF37A75 Datasheet
1Mb / 20P
[Old version datasheet]   Gain Versions: 12 dB
logo
M/A-COM Technology Solu...
MAUC-010515 MA-COM-MAUC-010515 Datasheet
1Mb / 8P
   11 dB Conversion Gain
logo
Pasternack Enterprises,...
PE15A3261 PASTERNACK-PE15A3261 Datasheet
525Kb / 5P
   Gain 22 dB typ
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com