Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTN2240-11A Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTN2240-11A
Description  Marktech 0.40 Dual Digit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTN2240-11A Datasheet(HTML) 1 Page - Marktech Corporate

  MTN2240-11A Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
426
120 Broadway • Menands, New York 12204
Toll Free: (800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
0.4" Dual Digit Display
FEATURES
· 0.4" digit height
· Right hand decimal point
· Duplex drive
· Additional colors/materials available
OPTO-ELECTRICAL CHARACTERISTICS (Ta = 25°C)
PACKAGE DIMENSIONS AND PIN FUNCTIONS
1. ALL DIMENSIONS ARE IN mm, TOLERANCE IS ±0.25mm UNLESS OTHERWISE SPECIFIED.
2. THE SLOPE ANGLE OF ANY PIN MAY BE ±5.0° MAX.
PART NO.
PEAK
WAVE
LENGTH
(nm)
EMITTED
COLOR
FACE COLORS
MAXIMUM RATINGS
OPTO-ELECTRICAL CHARACTERISTICS
PIN-
OUT
SURFACE
COLOR
EPOXY
COLOR
IF
(mA)
VR
(V)
PD
(mW)
VF(V)
IR(µA)
IV(µcd)
typ.
max.
@mA
max.
@VR
typ. per
seg.
@mA
MTN2240-11A
567
Green
Grey
White
30
5
85
2.1
3.0
20
100
5
2900
10
1
MTN4240-11A
635
Orange
Grey
White
30
5
85
2.1
3.0
20
100
5
3300
10
1
MTN4240R-11A
635
Hi-Eff Red
Red
Red
30
5
85
2.1
3.0
20
100
5
3300
10
1
MTN7240M-11A
660
Ultra Red
Grey
White
30
4
70
1.7
2.2
20
100
4
17300
20
1
MTN2240-11C
567
Green
Grey
White
30
5
85
2.1
3.0
20
100
5
2900
10
2
MTN4240-11C
635
Orange
Grey
White
30
5
85
2.1
3.0
20
100
5
3300
10
2
MTN4240R-11C
635
Hi-Eff Red
Red
Red
30
5
85
2.1
3.0
20
100
5
3300
10
2
MTN7240M-11C
660
Ultra Red
Grey
White
30
4
70
1.7
2.2
20
100
4
17300
20
2
Operating Temperature: -25~+85, Storage Temperature: -25~+100. Other face/epoxy colors are available.
PINOUT 1
PINOUT 2
COMMON ANODE
COMMON CATHODE
PIN NO. FUNCTION
PIN NO.
FUNCTION
1.
CATHODE D
1.
ANODE D
2.
CATHODE DP
2.
ANODE DP
3.
CATHODE E
3.
ANODE E
4.
CATHODE C
4.
ANODE C
5.
D2 COMMON ANODE
5.
D2 COMMON CATHODE
6.
CATHODE B
6.
ANODE B
7.
CATHODE A
7.
ANODE A
8.
CATHODE F
8.
ANODE F
9.
CATHODE G
9.
ANODE G
10.
D1 COMMON ANODE
10.
D1 COMMON CATHODE


Similar Part No. - MTN2240-11A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTN2228-11A MARKTECH-MTN2228-11A Datasheet
41Kb / 1P
   Marktech 0.28 Dual Digit
MTN2228-11C MARKTECH-MTN2228-11C Datasheet
41Kb / 1P
   Marktech 0.28 Dual Digit
MTN2256-AG MARKTECH-MTN2256-AG Datasheet
45Kb / 1P
   Marktech 0.56 Dual Digit?
MTN2256-CG MARKTECH-MTN2256-CG Datasheet
45Kb / 1P
   Marktech 0.56 Dual Digit?
MTN2280-AG MARKTECH-MTN2280-AG Datasheet
45Kb / 1P
   Marktech 0.80 Dual Digit
More results

Similar Description - MTN2240-11A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTN2140-AG MARKTECH-MTN2140-AG Datasheet
42Kb / 1P
   Marktech 0.40 Single Digit
MTN2280-AG MARKTECH-MTN2280-AG Datasheet
45Kb / 1P
   Marktech 0.80 Dual Digit
MTN2256-AG MARKTECH-MTN2256-AG Datasheet
45Kb / 1P
   Marktech 0.56 Dual Digit?
MTN3032-AG MARKTECH-MTN3032-AG Datasheet
39Kb / 1P
   Marktech 0.30 Dual Digit
MTN2228-11A MARKTECH-MTN2228-11A Datasheet
41Kb / 1P
   Marktech 0.28 Dual Digit
logo
Inolux Corporation
HNTD40 INOLUX-HNTD40 Datasheet
1Mb / 17P
   0.40 Dual Digit Numeric Display
logo
BRIGHT LED ELECTRONICS ...
BD-F406RD BRIGHT-BD-F406RD_2 Datasheet
152Kb / 3P
   0.40"(10.16mm) DUAL DIGIT DISPLAY
BD-F404RD BRIGHT-BD-F404RD Datasheet
144Kb / 3P
   0.40"(10.16mm) DUAL DIGIT DISPLAY
logo
LUMEX INC.
LDD-A406NI LUMEX-LDD-A406NI Datasheet
59Kb / 1P
   0.40 SEVEN SEGMENT, DUAL DIGIT DISPLAY
logo
Lucky Light Electronic
KW2-403 LUCKY-LIGHT-KW2-403 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.40)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com