Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA6905F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA6905F
Description  Bidirectional Relay Driver IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA6905F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA6905F Datasheet HTML 1Page - KEC(Korea Electronics) KIA6905F Datasheet HTML 2Page - KEC(Korea Electronics) KIA6905F Datasheet HTML 3Page - KEC(Korea Electronics) KIA6905F Datasheet HTML 4Page - KEC(Korea Electronics) KIA6905F Datasheet HTML 5Page - KEC(Korea Electronics) KIA6905F Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2013. 2. 04
1/6
SEMICONDUCTOR
TECHNICAL DATA
KIA6905F
Bidirectional Relay Driver IC
Revision No : 2
200mA Bidirectional Relay Driver IC
KIA6905F is the bidirectional relay driver IC for control latching relay
output current, static power consumption characteristics, can be widely
used in the production of the smart meter industry and other such relay
control of the industry.
Also, diode for reverse voltage protection is built.
Therefore, simple circuit can be designed.
Features
・Operating Voltage : 25V
・Operating Output Current : 200mA
・Input Voltage : 2.7V ~ 5.5V
・Input Resister : 3㏀
・Built in Output Clamp Diode : 28V
・Output Leak Current : 0.5uA
・ESD HBM : 3kV, MM : 500V
+
_
+
_
+
_
+
_
+
_
+
_
Block Diagram


Similar Part No. - KIA6905F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA6901 KEC-KIA6901 Datasheet
98Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA6901F KEC-KIA6901F Datasheet
98Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA6901P KEC-KIA6901P Datasheet
98Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA6903P KEC-KIA6903P Datasheet
52Kb / 2P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DC MOTOR SPEED CONTROLLER FOR CASSETTE TAPE RECORDER SYSTEM)
More results

Similar Description - KIA6905F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT8244 STMICROELECTRONICS-74ACT8244 Datasheet
168Kb / 7P
   RELAY DRIVER IC
logo
ON Semiconductor
CS1107 ONSEMI-CS1107 Datasheet
44Kb / 4P
   Single Relay Driver IC
April, 2001 ??Rev. 5
logo
Cherry Semiconductor Co...
CS1107 CHERRY-CS1107 Datasheet
131Kb / 4P
   Single Relay Driver IC
logo
Unisonic Technologies
F1836 UTC-F1836_15 Datasheet
107Kb / 6P
   TWO-CHANNEL BIDIRECTIONAL MOTOR DRIVER IC
logo
Shenzhen Huazhimei Semi...
HM2506MR HMSEMI-HM2506MR Datasheet
629Kb / 6P
   Bidirectional motor driver IC for single-chip CMOS
logo
ATMEL Corporation
U6809B ATMEL-U6809B Datasheet
257Kb / 16P
   FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
ATA6809 ATMEL-ATA6809 Datasheet
317Kb / 16P
   Fail-safe IC with Relay Driver and Lamp Driver
logo
Sanyo Semicon Device
STK6865H SANYO-STK6865H Datasheet
84Kb / 3P
   THICK FILM HYBRID IC BIDIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
LB1638MC SANYO-LB1638MC Datasheet
115Kb / 4P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1930MC SANYO-LB1930MC Datasheet
101Kb / 5P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com