Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA278R00PI Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KIA278R00PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA278R00PI Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIA278R00PI_15 Datasheet HTML 1Page - KEC(Korea Electronics) KIA278R00PI_15 Datasheet HTML 2Page - KEC(Korea Electronics) KIA278R00PI_15 Datasheet HTML 3Page - KEC(Korea Electronics) KIA278R00PI_15 Datasheet HTML 4Page - KEC(Korea Electronics) KIA278R00PI_15 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2008. 6. 24
4/5
KIA278R00PI
Revision No : 2
-10
-25
025
50
75
100
125
-5
0
5
10
R1=470
Ω, R2=3.2KΩ
V
IN =15V
I
O =1.0A
0
0
OUTPUT CURRENT IO (A)
Fig. 4 IO - VO
1.0
2.0
3.0
4.0
20
40
60
80
100
Fig. 3 Ta - PD
AMBIENT TEMPERATURE Ta ( C)
JUNCTION TEMPERATURE Tj ( C)
0
-25
050
100
150
5
10
15
20
PD 1 : No heat sink
PD 2 : With infinite heat sink
P 1
P 2
D
D
INPUT VOLTAGE VIN (V)
R
L = 5Ω
5
0
0
5
R
L =
10
10
15
15
0
-25
I
O =2A
025
5075
100
125
0.1
0.2
0.3
0.4
0.5
I
O =1.5A
I
O =1A
I
O =0.5A
JUNCTION TEMPERATURE Tj ( C)
JUNCTION TEMPERATURE Tj ( C)
0
-25
025
50
75
100
125
2
4
6
8
10
V
IN = 35V
I
O= 0
R1=470
Ω, R2=3.2KΩ
Tj = 25 C
Fig. 5 Tj -
VO
Fig. 7 Tj - VD
Fig. 8 T
- I
j
q
Fig. 6 VIN - VOUT
Oblique line portion : Overheat
protection may operate in this
area.
Note)


Similar Part No. - KIA278R00PI_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA278R00PI KEC-KIA278R00PI Datasheet
100Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA278R00PI_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com