Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MTN2130-13A Datasheet(PDF) 1 Page - Marktech Corporate

Part No. MTN2130-13A
Description  Marktech 0.30 Single Digit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTN2130-13A Datasheet(HTML) 1 Page - Marktech Corporate

  MTN2130-13A Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
409
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
P
PP
P
PA
A
A
A
ACKA
CKA
CKA
CKA
CKAGE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
• Low Current Requirements
• Excellent Character Appearance
• High Light Output
· Additional colors/materials available
Part Number
Peak
Wavelength
@20mA(nm)
Emitting
Color
Face Color
Maximum Ratings
Optoelectrical Characteristics
Pin
Out
Forward Voltage(V)
IR(
µµµµA)
Luminous
Intensity(
µµµµcd)
Surface
Epoxy
Color
IF
(mA)
VR
(V)
PD
(mW)
Typ.
Max
@mA
Max
@VR
Min.
Typ.
@mA
MTN2130-13A
567
Green
Grey
White
30
4
85
2.1
3.0
20
100
5
3100
5200
20
1
MTN2130-13C
567
Green
Grey
White
30
4
85
2.1
3.0
20
100
5
3100
5200
20
2
MTN4130-13A
635
Orange
Grey
White
30
4
85
2.1
3.0
20
100
5
3500
5900
20
1
MTN4130-13C
635
Orange
Grey
White
30
4
85
2.1
3.0
20
100
5
3500
5900
20
2
MTN4130R-13A
635
Hi. Eff. Red
Red
Red
30
4
85
2.1
3.0
20
100
5
3500
5900
20
1
MTN4130R-13C
635
Hi. Eff. Red
Red
Red
30
4
85
2.1
3.0
20
100
5
3500
5900
20
2
MTN7130SM1-13A
660
Red
Black
White
30
4
70
1.8
2.2
20
100
4
8300
13800
20
1
MTN7130SM1-13C
660
Red
Black
White
30
4
70
1.8
2.2
20
100
4
8300
13800
20
2
Operating Temperature: -25~+85, Storage Temperature -25~+100. Other face/epoxy colors available.
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
0.3" Sing
0.3" Sing
0.3" Sing
0.3" Sing
0.3" Single Digit Displa
le Digit Displa
le Digit Displa
le Digit Displa
le Digit Displayyyyy
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
1. ALL DIMENSIONS ARE IN mm, TOLERANCE IS ±0.25mm UNLESS OTHERWISE SPECIFIED.
2. THE SLOPE ANGLE OF ANY PIN MAY BE ±5.0° MAX.
PINOUT 1
PINOUT 2
COMMON ANODE
COMMON CATHODE
PIN NO. FUNCTION
PIN NO.
FUNCTION
1.
COMMON ANODE
1.
COMMON CATHODE
2.
CATHODE F
2.
ANODE F
3.
CATHODE G
3.
ANODE G
4.
CATHODE E
4.
ANODE E
5.
CATHODE D
5.
ANODE D
6.
COMMON ANODE
6.
COMMON CATHODE
7.
CATHODE DP
7.
ANODE DP
8.
CATHODE C
8.
ANODE C
9.
CATHODE B
9.
ANODE B
10.
CATHODE A
10.
ANODE A


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MTN3300-CG Marktech 0.30 Single Digit w/LRDecimal 1  Marktech Corporate
MTN2143-AG Marktech 0.43 Single Digit w/LRDecimal  1  Marktech Corporate
MTN2151-AG Marktech 5.00 Single Digit w/Comma 1  Marktech Corporate
MTN2180-AG Marktech 0.80 Single Digit w/LRDecimal 1  Marktech Corporate
MTN3032-AG Marktech 0.30 Dual Digit 1  Marktech Corporate
MTN2118-AG Marktech 1.80 Single Digit 1  Marktech Corporate
MTN2123-AG Marktech 2.30 Single Digit 1  Marktech Corporate
MTN2125-24A Marktech 1.00 Single Digit 1  Marktech Corporate
MTN2126-AG Marktech 1.02 Single Digit 1  Marktech Corporate
MTN6123-ARG Marktech 2.30 Single Digit Bi−Color 1  Marktech Corporate

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn