Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUR8840G Datasheet(PDF) 5 Page - ON Semiconductor

Part # SUR8840G
Description  Switch-mode Power Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SUR8840G Datasheet(HTML) 5 Page - ON Semiconductor

  SUR8840G Datasheet HTML 1Page - ON Semiconductor SUR8840G Datasheet HTML 2Page - ON Semiconductor SUR8840G Datasheet HTML 3Page - ON Semiconductor SUR8840G Datasheet HTML 4Page - ON Semiconductor SUR8840G Datasheet HTML 5Page - ON Semiconductor SUR8840G Datasheet HTML 6Page - ON Semiconductor SUR8840G Datasheet HTML 7Page - ON Semiconductor SUR8840G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MUR805G, MUR810G, MUR815G, MUR820G, MUR840G, MUR860G, MURF860G,
SUR8820G, SUR8840G
http://onsemi.com
5
MUR860G, MURF860G
Figure 11. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.6
1.0
100
0.1
10
VR, REVERSE VOLTAGE (VOLTS)
600
100
300
1000
0.1
0.01
10
100
TJ = 150°C
200
500
Figure 12. Typical Reverse Current*
TA, AMBIENT TEMPERATURE (°C)
0
7.0
2.0
6.0
4.0
9.0
0
20
40
60
80
200
TC, CASE TEMPERATURE (°C)
140
150
0
2.0
1.0
3.0
5.0
4.0
180
Figure 13. Current Derating, Case
Figure 14. Current Derating, Ambient
0
1.0
6.0
10
0
1.0
2.0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 15. Power Dissipation
0.4
1
1.4
100
°C
TJ = 150°C
25
°C
400
1.0
100
°C
25
°C
170
160
* The curves shown are typical for the highest voltage device in the
grouping. Typical reverse current for lower voltage selections can be
estimated from these same curves if VR is sufficiently below rated VR.
TJ = 175°C
3.0
4.0
10
5.0
2.0
RATED VR APPLIED
dc
SQUARE WAVE
SQUARE WAVE
0.8
1.2
1.6
100
120
140
160
180
8.0
10
dc
5.0
6.0
7.0
8.0
9.0
3.0
4.0
9.0
8.0
7.0
7.0
6.0
8.0
10
9.0
SQUARE
WAVE
dc
SQUARE WAVE
dc
RqJA = 16°C/W
RqJA = 60°C/W
(NO HEAT SINK)
1.8
11
12
13
14
3.0
5.0
1.0
10
100
tp, SQUARE WAVE PULSE DURATION (ms)
Figure 16. Typical Non−Repetitive Surge
Current
100
10,000
1,000
1,000
10,000
* Typical performance based on a limited sample size. ON Semiconductor
does not guarantee ratings not listed in the Maximum Ratings table.


Similar Part No. - SUR8840G

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SUR8100 SIRECTIFIER-SUR8100 Datasheet
273Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR8100 SIRECTIFIER-SUR8100 Datasheet
224Kb / 3P
   Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
logo
ON Semiconductor
SUR81520G ONSEMI-SUR81520G Datasheet
141Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 10
SUR81560G ONSEMI-SUR81560G Datasheet
141Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 10
logo
Sirectifier Semiconduct...
SUR820 SIRECTIFIER-SUR820 Datasheet
273Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
More results

Similar Description - SUR8840G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR1635 ONSEMI-MBR1635_14 Datasheet
68Kb / 5P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 12
MBR1045MFS ONSEMI-MBR1045MFS Datasheet
82Kb / 5P
   Switch Mode Power Rectifiers
August, 2014 ??Rev. 1
MUR1510G ONSEMI-MUR1510G_14 Datasheet
141Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 10
MBR8H100MFS ONSEMI-MBR8H100MFS Datasheet
67Kb / 4P
   Switch Mode Power Rectifiers
August, 2015 ??Rev. 2
MBR30H100MFS ONSEMI-MBR30H100MFS Datasheet
91Kb / 5P
   Switch-mode Power Rectifiers
March, 2015 ??Rev. 2
MUR3020PTG ONSEMI-MUR3020PTG Datasheet
205Kb / 8P
   Switch-mode Power Rectifiers
January, 2012 - Rev. 10
NHPV08S600G ONSEMI-NHPV08S600G_14 Datasheet
66Kb / 4P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 3
MBR2045MFS ONSEMI-MBR2045MFS Datasheet
62Kb / 5P
   Switch Mode Power Rectifiers
March, 2014 ??Rev. 1
MBRD620CT ONSEMI-MBRD620CT_16 Datasheet
73Kb / 6P
   Switch-mode Power Rectifiers
November, 2016 ??Rev. 13
MBRB30H30CT-1G ONSEMI-MBRB30H30CT-1G_15 Datasheet
101Kb / 7P
   Switch-mode Power Rectifiers
January, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com