Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUR81520G Datasheet(PDF) 1 Page - ON Semiconductor

Part # SUR81520G
Description  Switch-mode Power Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SUR81520G Datasheet(HTML) 1 Page - ON Semiconductor

  SUR81520G Datasheet HTML 1Page - ON Semiconductor SUR81520G Datasheet HTML 2Page - ON Semiconductor SUR81520G Datasheet HTML 3Page - ON Semiconductor SUR81520G Datasheet HTML 4Page - ON Semiconductor SUR81520G Datasheet HTML 5Page - ON Semiconductor SUR81520G Datasheet HTML 6Page - ON Semiconductor SUR81520G Datasheet HTML 7Page - ON Semiconductor SUR81520G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2014
February, 2014 − Rev. 10
1
Publication Order Number:
MUR1520/D
MUR1510G, MUR1515G,
MUR1520G, MUR1540G,
MUR1560G, MURF1560G,
SUR81520G, SUR81560G
Switch-mode Power
Rectifiers
These state−of−the−art devices are a series designed for use in
switching power supplies, inverters and as free wheeling diodes.
Features
Ultrafast 35 and 60 Nanosecond Recovery Time
175°C Operating Junction Temperature
High Voltage Capability to 600 V
ESD Ratings:
Machine Model = C
Human Body Model = 3B
Low Forward Drop
Low Leakage Specified @ 150°C Case Temperature
Current Derating Specified @ Both Case and Ambient Temperatures
SUR8 Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
All Packages are Pb−Free*
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 1.9 Grams (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes: 260°C Max. for
10 Seconds
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
ULTRAFAST RECTIFIERS
15 AMPERES, 100−600 VOLTS
1
3
4
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
A
= Assembly Location
Y
= Year
WW
= Work Week
G= Pb−Free Package
U15xx = Device Code
xx = 10, 15, 20, 40 or 60
KA
= Diode Polarity
TO−220AC
CASE 221B
STYLE 1
3
4
1
MARKING DIAGRAMS
AY WWG
U15xx
KA
TO−220 FULLPAK
CASE 221AG
STYLE 1
AYWWG
MURF1560
KA
3
4
1


Similar Part No. - SUR81520G

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SUR8100 SIRECTIFIER-SUR8100 Datasheet
273Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR8100 SIRECTIFIER-SUR8100 Datasheet
224Kb / 3P
   Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
More results

Similar Description - SUR81520G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR1635 ONSEMI-MBR1635_14 Datasheet
68Kb / 5P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 12
MBR1045MFS ONSEMI-MBR1045MFS Datasheet
82Kb / 5P
   Switch Mode Power Rectifiers
August, 2014 ??Rev. 1
MBR8H100MFS ONSEMI-MBR8H100MFS Datasheet
67Kb / 4P
   Switch Mode Power Rectifiers
August, 2015 ??Rev. 2
MBR30H100MFS ONSEMI-MBR30H100MFS Datasheet
91Kb / 5P
   Switch-mode Power Rectifiers
March, 2015 ??Rev. 2
MUR3020PTG ONSEMI-MUR3020PTG Datasheet
205Kb / 8P
   Switch-mode Power Rectifiers
January, 2012 - Rev. 10
NHPV08S600G ONSEMI-NHPV08S600G_14 Datasheet
66Kb / 4P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 3
MUR805G ONSEMI-MUR805G_14 Datasheet
143Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 13
MBR2045MFS ONSEMI-MBR2045MFS Datasheet
62Kb / 5P
   Switch Mode Power Rectifiers
March, 2014 ??Rev. 1
MBRD620CT ONSEMI-MBRD620CT_16 Datasheet
73Kb / 6P
   Switch-mode Power Rectifiers
November, 2016 ??Rev. 13
MBRB30H30CT-1G ONSEMI-MBRB30H30CT-1G_15 Datasheet
101Kb / 7P
   Switch-mode Power Rectifiers
January, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com