Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUR81520G Datasheet(PDF) 5 Page - ON Semiconductor

Part # SUR81520G
Description  Switch-mode Power Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SUR81520G Datasheet(HTML) 5 Page - ON Semiconductor

  SUR81520G Datasheet HTML 1Page - ON Semiconductor SUR81520G Datasheet HTML 2Page - ON Semiconductor SUR81520G Datasheet HTML 3Page - ON Semiconductor SUR81520G Datasheet HTML 4Page - ON Semiconductor SUR81520G Datasheet HTML 5Page - ON Semiconductor SUR81520G Datasheet HTML 6Page - ON Semiconductor SUR81520G Datasheet HTML 7Page - ON Semiconductor SUR81520G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MUR1510G, MUR1515G, MUR1520G, MUR1540G, MUR1560G, MURF1560G,
SUR81520G, SUR81560G
http://onsemi.com
5
MUR1560G, MURF1560G, SUR81560G
Figure 11. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.2
0.8
0.6
1.0
100
0.1
10
VR, REVERSE VOLTAGE (VOLTS)
150
300
250
400
450
0.1
0.05
0.02
10
5
2
50
20
100
TJ = 150°C
200
350
650
Figure 12. Typical Reverse Current
TA, AMBIENT TEMPERATURE (°C)
TC, CASE TEMPERATURE (°C)
140
150
0
4.0
2.0
6.0
10
8.0
14
12
180
Figure 13. Current Derating, Case
Figure 14. Current Derating, Ambient
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 15. Power Dissipation
1
1.2
1.6
1.4
TJ = 150°C
25
°C
550
600
500
1
0.5
0.2
100
°C
25
°C
160
170
16
Rated Voltage Applied
Square Wave
dc
0.4
200
020
2.0
4.0
0
6.0
8.0
10
9.0
7.0
40
60
100
120
140
160
200
0
4.0
2.0
4.0
6.0
8.0
0
8.0
12
16
Square Wave
dc
TJ = 125°C
2.0
6.0
10
14
10
12
14
16
RqJA =
IPK
IAV
dc
Square Wave
20
10
(Capacitive Load)
=5.0
80
180
Square Wave
dc
As Obtained in Free Air, No Heat Sink
RqJA = 60°C/W
16
°C/W As Obtained
From A Small TO-220
Heatsink
IPK
IAV
(Resistive-Inductive Load)
=
π
5.0
3.0
1.0
10
100
tp, SQUARE WAVE PULSE DURATION (ms)
Figure 16. Typical Non−Repetitive Surge
Current
100
10,000
1,000
1,000
10,000
* Typical performance based on a limited sample size. ON Semiconductor
does not guarantee ratings not listed in the Maximum Ratings table.
100
°C


Similar Part No. - SUR81520G

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SUR8100 SIRECTIFIER-SUR8100 Datasheet
273Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR8100 SIRECTIFIER-SUR8100 Datasheet
224Kb / 3P
   Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
More results

Similar Description - SUR81520G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR1635 ONSEMI-MBR1635_14 Datasheet
68Kb / 5P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 12
MBR1045MFS ONSEMI-MBR1045MFS Datasheet
82Kb / 5P
   Switch Mode Power Rectifiers
August, 2014 ??Rev. 1
MBR8H100MFS ONSEMI-MBR8H100MFS Datasheet
67Kb / 4P
   Switch Mode Power Rectifiers
August, 2015 ??Rev. 2
MBR30H100MFS ONSEMI-MBR30H100MFS Datasheet
91Kb / 5P
   Switch-mode Power Rectifiers
March, 2015 ??Rev. 2
MUR3020PTG ONSEMI-MUR3020PTG Datasheet
205Kb / 8P
   Switch-mode Power Rectifiers
January, 2012 - Rev. 10
NHPV08S600G ONSEMI-NHPV08S600G_14 Datasheet
66Kb / 4P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 3
MUR805G ONSEMI-MUR805G_14 Datasheet
143Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 13
MBR2045MFS ONSEMI-MBR2045MFS Datasheet
62Kb / 5P
   Switch Mode Power Rectifiers
March, 2014 ??Rev. 1
MBRD620CT ONSEMI-MBRD620CT_16 Datasheet
73Kb / 6P
   Switch-mode Power Rectifiers
November, 2016 ??Rev. 13
MBRB30H30CT-1G ONSEMI-MBRB30H30CT-1G_15 Datasheet
101Kb / 7P
   Switch-mode Power Rectifiers
January, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com