Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33375D-3.3R2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC33375D-3.3R2G
Description  300 mA, Low Dropout Voltage Regulator with On/Off Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33375D-3.3R2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC33375D-3.3R2G Datasheet HTML 3Page - ON Semiconductor MC33375D-3.3R2G Datasheet HTML 4Page - ON Semiconductor MC33375D-3.3R2G Datasheet HTML 5Page - ON Semiconductor MC33375D-3.3R2G Datasheet HTML 6Page - ON Semiconductor MC33375D-3.3R2G Datasheet HTML 7Page - ON Semiconductor MC33375D-3.3R2G Datasheet HTML 8Page - ON Semiconductor MC33375D-3.3R2G Datasheet HTML 9Page - ON Semiconductor MC33375D-3.3R2G Datasheet HTML 10Page - ON Semiconductor MC33375D-3.3R2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MC33375, NCV33375 Series
http://onsemi.com
7
Figure 12. Output Voltage versus Ambient
Temperature (Vin = 12 V)
Figure 13. Ripple Rejection
Figure 14. Ripple Rejection
-40
2.5
TEMPERATURE (°C)
2.49
2.485
2.48
2.475
2.47
025
85
IO = 0
IO = 250 mA
2.495
2.465
0.1
70
FREQUENCY (kHz)
60
50
40
30
20
10
0
1
10
100
IL = 100 mA
IL = 250 mA
0.1
70
FREQUENCY (kHz)
60
50
40
30
20
10
0
1
10
100
IL = 10 mA
IL = 1 mA
Figure 15. Enable Transient
0
5
CL = 1.0 mF
500
100
200
400
4
3
2.5
1
0.5
0
1.5
2
3.5
4.5
300
TIME (mS)
CL = 33 mF
ENABLE


Similar Part No. - MC33375D-3.3R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375D-3.3R2G ONSEMI-MC33375D-3.3R2G Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375D-3.3R2G ONSEMI-MC33375D-3.3R2G Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
More results

Similar Description - MC33375D-3.3R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
logo
Toshiba Semiconductor
TA48LS015F TOSHIBA-TA48LS015F Datasheet
308Kb / 11P
   300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com