Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRVS1504T3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NRVS1504T3G
Description  Surface Mount Standard Recovery Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVS1504T3G Datasheet(HTML) 2 Page - ON Semiconductor

  NRVS1504T3G Datasheet HTML 1Page - ON Semiconductor NRVS1504T3G Datasheet HTML 2Page - ON Semiconductor NRVS1504T3G Datasheet HTML 3Page - ON Semiconductor NRVS1504T3G Datasheet HTML 4Page - ON Semiconductor NRVS1504T3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MRS1504T3G, NRVS1504T3G
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
400
V
Average Rectified Forward Current
(At Rated VR, TI = 118°C)
IO
1.5
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz, TI = 118°C)
IFRM
3.0
A
Non−Repetitive Peak Surge Current
(Surge applied at rated load conditions, halfwave, single phase, 60 Hz)
IFSM
50
A
Storage/Operating Case Temperature Range
Tstg, TC
−55 to 150
°C
Operating Temperature Range
TJ
−55 to 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance, Junction−to−Lead (Note 1)
Rtjl
18
°C/W
Thermal Resistance, Junction−to−Ambient (on 1″ sq. Cu. PCB pattern)
Rtja
79
°C/W
1. Minimum pad size.
ELECTRICAL CHARACTERISTICS
Rating
Symbol
TJ = 25_C
TJ = 100_C
Unit
Maximum Instantaneous Forward Voltage (Note 2), see Figure 2
(IF = 1.5 A)
(IF = 2.25 A)
VF
1.04
1.10
0.96
1.02
V
Maximum Instantaneous Reverse Current, see Figure 4
(VR = 400 V)
(VR = 200 V)
IR
1.0
0.5
340
180
mA
2. Pulse Test: Pulse Width ≤ 250 ms, Duty Cycle ≤ 2.0%


Similar Part No. - NRVS1504T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVS1AFL ONSEMI-NRVS1AFL Datasheet
205Kb / 5P
   Surface Mount General Purpose Rectifiers
January, 2021 ??Rev. 6
NRVS1BFL ONSEMI-NRVS1BFL Datasheet
205Kb / 5P
   Surface Mount General Purpose Rectifiers
January, 2021 ??Rev. 6
NRVS1DFL ONSEMI-NRVS1DFL Datasheet
205Kb / 5P
   Surface Mount General Purpose Rectifiers
January, 2021 ??Rev. 6
NRVS1GFL ONSEMI-NRVS1GFL Datasheet
205Kb / 5P
   Surface Mount General Purpose Rectifiers
January, 2021 ??Rev. 6
NRVS1GHE ONSEMI-NRVS1GHE Datasheet
163Kb / 5P
   Surface Mount Rectifiers, 1 A, 400 V - 600 V
April, 2020 ??Rev. 1
More results

Similar Description - NRVS1504T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MRA4003T3 ONSEMI-MRA4003T3 Datasheet
54Kb / 4P
   Surface Mount Standard Recovery Power Rectifier
July, 2004 ??Rev. 3
MRA4003T3 ONSEMI-MRA4003T3_06 Datasheet
49Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
May, 2006 ??Rev. 5
MRS1504T3 ONSEMI-MRS1504T3 Datasheet
60Kb / 4P
   Surface Mount Standard Recovery Power Rectifier
June, 2006 ??Rev. 4
MRA4003T3G ONSEMI-MRA4003T3G_16 Datasheet
62Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
November, 2016 ??Rev. 11
NRVA4004T3G ONSEMI-NRVA4004T3G Datasheet
102Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
August, 2012 ??Rev. 9
logo
PACELEADER INDUSTRIAL
S1AB PACELEADER-S1AB Datasheet
253Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-M PACELEADER-FM4001-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S2A PACELEADER-S2A Datasheet
123Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S3AC PACELEADER-S3AC Datasheet
134Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-MH PACELEADER-FM4001-MH Datasheet
269Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com