Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRVS1504T3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NRVS1504T3G
Description  Surface Mount Standard Recovery Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVS1504T3G Datasheet(HTML) 1 Page - ON Semiconductor

  NRVS1504T3G Datasheet HTML 1Page - ON Semiconductor NRVS1504T3G Datasheet HTML 2Page - ON Semiconductor NRVS1504T3G Datasheet HTML 3Page - ON Semiconductor NRVS1504T3G Datasheet HTML 4Page - ON Semiconductor NRVS1504T3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2012
July, 2012 − Rev. 6
1
Publication Order Number:
MRS1504T3/D
MRS1504T3G,
NRVS1504T3G
Surface Mount Standard
Recovery Power Rectifier
SMB Power Surface Mount Package
Features mesa epitaxial construction with glass passivation. Ideally
suited for high frequency switching power supplies; free wheeling
diodes and polarity protection diodes.
Features
Compact Package with J−Bend Leads Ideal for Automated Handling
Stable, High Temperature, Glass Passivated Junction
AEC−Q101 Qualified and PPAP Capable
NRVS Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements
All Packages are Pb-Free*
Mechanical Characteristics:
Case: Molded Epoxy
Epoxy Meets UL 94 V−0 @ 0.125 in
Weight: 95 mg (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Maximum Temperature of 260°C / 10 Seconds for Soldering
Polarity: Notch and/or Band in Plastic Body Indicates Cathode Lead
ESD Ratings:
Machine Model = C
Human Body Model = 3A
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
STANDARD RECOVERY
RECTIFIER
1.5 AMPERES, 400 VOLTS
SMB
CASE 403A
PLASTIC
MARKING DIAGRAM
http://onsemi.com
A
= Assembly Location
Y
= Year
WW = Work Week
RGG = Device Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
AYWW
RGG G
G
MRS1504T3G
SMB
(Pb−Free)
2,500 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NRVS1504T3G
SMB
(Pb−Free)
2,500 /
Tape & Reel


Similar Part No. - NRVS1504T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVS1AFL ONSEMI-NRVS1AFL Datasheet
205Kb / 5P
   Surface Mount General Purpose Rectifiers
January, 2021 ??Rev. 6
NRVS1BFL ONSEMI-NRVS1BFL Datasheet
205Kb / 5P
   Surface Mount General Purpose Rectifiers
January, 2021 ??Rev. 6
NRVS1DFL ONSEMI-NRVS1DFL Datasheet
205Kb / 5P
   Surface Mount General Purpose Rectifiers
January, 2021 ??Rev. 6
NRVS1GFL ONSEMI-NRVS1GFL Datasheet
205Kb / 5P
   Surface Mount General Purpose Rectifiers
January, 2021 ??Rev. 6
NRVS1GHE ONSEMI-NRVS1GHE Datasheet
163Kb / 5P
   Surface Mount Rectifiers, 1 A, 400 V - 600 V
April, 2020 ??Rev. 1
More results

Similar Description - NRVS1504T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MRA4003T3 ONSEMI-MRA4003T3 Datasheet
54Kb / 4P
   Surface Mount Standard Recovery Power Rectifier
July, 2004 ??Rev. 3
MRA4003T3 ONSEMI-MRA4003T3_06 Datasheet
49Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
May, 2006 ??Rev. 5
MRS1504T3 ONSEMI-MRS1504T3 Datasheet
60Kb / 4P
   Surface Mount Standard Recovery Power Rectifier
June, 2006 ??Rev. 4
MRA4003T3G ONSEMI-MRA4003T3G_16 Datasheet
62Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
November, 2016 ??Rev. 11
NRVA4004T3G ONSEMI-NRVA4004T3G Datasheet
102Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
August, 2012 ??Rev. 9
logo
PACELEADER INDUSTRIAL
S1AB PACELEADER-S1AB Datasheet
253Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-M PACELEADER-FM4001-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S2A PACELEADER-S2A Datasheet
123Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S3AC PACELEADER-S3AC Datasheet
134Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-MH PACELEADER-FM4001-MH Datasheet
269Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com