Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDS-3106R-80VGA1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IDS-3106R-80VGA1E
Description  6.5" VGA Industrial Open Frame Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IDS-3106R-80VGA1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IDS-3106R-80VGA1E Datasheet HTML 1Page - Advantech Co., Ltd. IDS-3106R-80VGA1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
IDS-3106
For more compatible embedded board solution, please visit our Build Your display web page as bellow
http://www.advantech.com/buildyourdisplay
Packing List
Part Number
Description
1700002215
1 x M Cable USB-A(M)/USB-A(M) 180CM
1700021332-01
1 x VGA cable 15P(M) 1.8 meter
1962055040
4 x Clamper
1935042520
4 x Screw of clamper M4_25L
* USB Cable is only included in IDS-3106R series.
Note: Package contents are subject to change without prior notice
Ordering Information
Model Name
Description
IDS-3106N-80VGA1E
6.5" VGA 800cd/m2 LED Open Frame Monitor
IDS-3106R-80VGA1E
6.5" VGA 800cd/m2 LED Open Frame Touch Monitor
Optional Items
Part Number
Description
1700001524
3-Pin Power Cord (USA)
170203183C
3-Pin Power Cord (EU)
1700008921
3-Pin Power Cord with PSE (Japan)
1757003553
Adaptor AC100-240V 36W +12V/3A W/O PFC 9NA
1700000243
DVI cable 2.0 meter
132.5 (Panel Active Area)
(41.3)
(41.3)
215.0
20.0
177.0
(35.0)(R)
197.0
98.5
80.0
80.0
107.5
75.0
38.0
M4
VESA Center
(32.1)(N)
Ø3.5


Similar Part No. - IDS-3106R-80VGA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDS-3106R-80VGA1E ADVANTECH-IDS-3106R-80VGA1E Datasheet
1Mb / 2P
   6.5" VGA Industrial Open Frame Monitor
IDS-3106R-80VGA1E ADVANTECH-IDS-3106R-80VGA1E Datasheet
371Kb / 2P
   6.5 VGA Industrial Open Frame Monitor
24-Jul-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com