Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSD-3042T-50FHA1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # DSD-3042T-50FHA1E
Description  42" F-HD Digital Signage & Touch Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DSD-3042T-50FHA1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  DSD-3042T-50FHA1E Datasheet HTML 1Page - Advantech Co., Ltd. DSD-3042T-50FHA1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
DSD-3042
Ordering Information
Part No.
Size
Brightness (cd/m2)
Interface
Touch screen
Touch Interface
DSD-3042N-50FHA1E
42"
500
VGA, HDMI, Display Port
N/A
N/A
DSD-3042T-50FHA1E
42"
500
VGA, HDMI, Display Port
Optical touch
USB
Packing List
Item Name
Description
HDMI cable
1.8 M
US Power Cord
1.8 M
USB cable
1.8 M
Remote Control
IR remote controller
Optional Items
Part Number
Description
1700000596
China Power Cord
1700018705
Europe Power Cord
DSD-3042N-50FHA1E
DSD-3042T-50FHA1E
82.25
30
30
947.12 (Bezel Opening)
1007.12
303.56
930.24 (Active Area)
40
42.25
4-M6
4-M4
50.3
100
211.96
400
303.56
280.5
400
280.5
280.5
4-M6
72.7
32.7
40
961
930.2 (Active Area)
935.2 (Bezel Opening)
12.9
12.9


Similar Part No. - DSD-3042T-50FHA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DSD-3042T-50FHA1E ADVANTECH-DSD-3042T-50FHA1E Datasheet
640Kb / 2P
   42 F-HD Digital Signage & Touch Monitor
18-Sep-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com