| Electronic Components Datasheet Search |
|
LV5685PV Datasheet(PDF) 18 Page - ON Semiconductor |
|
||||||||||||||||||||||||||||||
LV5685PV Datasheet(HTML) 18 Page - ON Semiconductor |
|
18 / 29 page LV5685PV No.A2333-18/29 Block Diagram V6DET VDD - + 3 - + 5 AUDIO - + 6 14 VREF ACCIN FLG VREF VREG SCL VDD 3.3V, 0.35A VREF 1.25V 5.1V VCC1 I 2C-bus CTL GND TSD 5/8.5/9/11.5V, 0.25A V6IN VCC2 SW33V 3.3V/5V, 0.45A - + ILM 5/8/10.5/12V, 0.3A - + CD 5/6/7/8V, 1.3A EXT VCC2-0.5V, 0.35A ANT EXT ctrl ANT ctrl VCC2-0.5V, 0.3A SDA 6V input TSD OVP OVP→disable all outputs except VDD TSD→disable all putputs 11 15 4 1 2 9 12 10 8 13 OVP 7 OVP UV UV OV OVP UV VDD - + SW33_EN VREF ILM_EN VREF CD_EN VREF AUDIO_EN VREF EXT_EN ANT_EN Power on reset OV OV OVDET UVDET BDET FLGMD VREG ACC |
Similar Part No. - LV5685PV |
|
Similar Description - LV5685PV |
|
|
Link URL |
| Privacy Policy |
| ALLDATASHEET.COM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |