Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTD1XXXU Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDTD1XXXU
Description  500 mA, 50 V NPN resistor-equipped transistors
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTD1XXXU Datasheet(HTML) 2 Page - NXP Semiconductors

  PDTD1XXXU_15 Datasheet HTML 1Page - NXP Semiconductors PDTD1XXXU_15 Datasheet HTML 2Page - NXP Semiconductors PDTD1XXXU_15 Datasheet HTML 3Page - NXP Semiconductors PDTD1XXXU_15 Datasheet HTML 4Page - NXP Semiconductors PDTD1XXXU_15 Datasheet HTML 5Page - NXP Semiconductors PDTD1XXXU_15 Datasheet HTML 6Page - NXP Semiconductors PDTD1XXXU_15 Datasheet HTML 7Page - NXP Semiconductors PDTD1XXXU_15 Datasheet HTML 8Page - NXP Semiconductors PDTD1XXXU_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
PDTD1XXXU_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 13 May 2014
2 of 27
NXP Semiconductors
PDTD1xxxU series
500 mA, 50 V NPN resistor-equipped transistors
1.4 Quick reference data
2.
Pinning information
3.
Ordering information
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
500
mA
R1
bias resistor 1 (input)
PDTD113EU
1
k
PDTD113ZU
1
k
PDTD123EU
2.2
k
PDTD123YU
2.2
k
PDTD143EU
4.7
k
PDTD143XU
4.7
k
PDTD114EU
10
k
R2
bias resistor 2 (base-emitter)
PDTD113EU
1
k
PDTD113ZU
10
k
PDTD123EU
2.2
k
PDTD123YU
10
k
PDTD143EU
4.7
k
PDTD143XU
10
k
PDTD114EU
10
k
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
input (base)
2
GND (emitter)
3
output (collector)
12
3
sym007
3
2
1
R1
R2
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PDTD1xxxU series
SC-70
plastic surface-mounted package; 3 leads
SOT323


Similar Part No. - PDTD1XXXU_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTD1XXXU_SER NEXPERIA-PDTD1XXXU_SER Datasheet
3Mb / 27P
   500 mA, 50 V NPN resistor-equipped transistors
Rev. 1 - 13 May 2014
More results

Similar Description - PDTD1XXXU_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTD1XXXT NEXPERIA-PDTD1XXXT Datasheet
2Mb / 18P
   500 mA, 50 V NPN resistor-equipped transistors
PDTD113ZQA_SER NEXPERIA-PDTD113ZQA_SER Datasheet
1Mb / 22P
   50 V, 500 mA NPN resistor-equipped transistors
Rev. 1 - 31 March 2016
logo
NXP Semiconductors
PDTD1XXXT PHILIPS-PDTD1XXXT_15 Datasheet
1Mb / 18P
   500 mA, 50 V NPN resistor-equipped transistors
Rev. 1-15 May 2014
PDTD123E PHILIPS-PDTD123E_15 Datasheet
131Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors
Rev. 02-16 November 2009
logo
Nexperia B.V. All right...
PDTD113EQA NEXPERIA-PDTD113EQA Datasheet
2Mb / 24P
   50 V, 500 mA NPN resistor-equipped transistors
PDTD1XXXU NEXPERIA-PDTD1XXXU Datasheet
3Mb / 27P
   500 mA, 50 V NPN resistor-equipped transistors
PDTD113Z NEXPERIA-PDTD113Z Datasheet
1Mb / 22P
   50 V, 500 mA NPN resistor-equipped transistors
PDTD1XXXU_SER NEXPERIA-PDTD1XXXU_SER Datasheet
3Mb / 27P
   500 mA, 50 V NPN resistor-equipped transistors
Rev. 1 - 13 May 2014
PDTD113EQA_SER NEXPERIA-PDTD113EQA_SER Datasheet
2Mb / 24P
   50 V, 500 mA NPN resistor-equipped transistors
Rev. 1 - 4 February 2016
PDTB1XXXU NEXPERIA-PDTB1XXXU Datasheet
3Mb / 27P
   500 mA, 50 V PNP resistor-equipped transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com