Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ARK-DS262 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part No. ARK-DS262
Description  3rd Generation Intel® Core™ i7 OPS Digital Signage Platform
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADVANTECH [Advantech Co., Ltd.]
Homepage  http://www.advantech.com
Logo 

ARK-DS262 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Digital Signage Platforms
Features
ARK-DS262
3rd Generation Intel® Core™ i7
OPS Digital Signage Platform
ƒ 3rd generation Intel® Core™ i7 processor-based platform
ƒ Design compliant with OPS (Open Pluggable Standardization)
ƒ Supports HDMI, eDP, UART, USB3.0/2.0 via JAE 80-pin connector
ƒ Supports PCIe x 4, USB3.0/2.0, SATA, LPC & SMB optional 2nd JAE 60-pin
connector
ƒ Slot-in integration, easy maintenance
ƒ Design compliant with Energy Star 5.0
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
Specifications
Processor System
CPU
3rd generation
Intel Core i7-3555LE 2.5 GHz
3rd generation
Intel Core i3-3217UE 1.6 GHZ
Intel Celeron 1020E 2.2 GHz
System Chipset
Intel QM77
BIOS
AMI uEFI 64 Mbit
Memory
Technology
2 x DDR3 204-pin SODIMM
Max. Capacity
Max. up to 16 GB (8 GB per SODIMM)
Display
Chipset
Embedded in Processor
Processor Graphics
Intel HD Graphics 4000
Resolution (Chipset support)
HDMI/eDP: up to 1920 x 1080 (via OPS interconnection)
Output
HDMI x 1
Storage
SATA Interface
1 x 2.5-inch SATA III HDD/SSD (support max 9.5 mm height)
Ethernet
Interface
Gigabit LAN Controller
Controller
Intel 82579LM
Connector
1 x RJ-45
I/O Interface
*JAE Connector
1 (JAE TX25 80-pin)/ 2 (JAE TX25 80-pin + JAE TX25 60-pin optional)
HDMI
1
LAN
1 (RJ-45)
USB
2 (USB 3.0 compliant)
Audio
1 x Line-out (supports Jack Sense via OS setting)
Serial Port
1 x COM (RS-232)
Mini-PCIe (Internal)
1
Power Requirement
Management
ACPI 3.0
Power Consumption
Average 19 W
Input Voltage
12 V-24 V DC-in (via OPS interconnection)
Watchdog Timer
Output
Interrupt, system reset
Interval
255-level timer interval, setup by software
Physical Characteristics
Dimensions (W x H x D)
200 x 30 x 119 mm (OPS compliant)
Weight
1.5 kg (3.3 lb)
Environment
Operating Temperature
0 ~ 40° C (32 ~ 104° F) (w / HDD); 0 ~ 50° C (32 ~ 122° F) (w / SSD)
Relative Humidity
95% @ 40° C (non-condensing), operating
Vibration Resistance
0.5 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 Oct./min, 1 hr/axis.
Software Development Kit
Operating System
Supports Microsoft Windows 8, Windows 7, WES7E, XP Embedded
Linux
Fedora 14
Certification
Electromagnetic
CE/FCC Class B, CCC, BSMI, C-Tick
Safety
UL, CCC
All product specifications are subject to change without notice
Last updated : 15-Jan-2014


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn