Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5681P Datasheet(PDF) 9 Page - ON Semiconductor

Part # LV5681P
Description  Multi-Power Supply System IC for Car Audio Systems
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5681P Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LV5681P Datasheet HTML 5Page - ON Semiconductor LV5681P Datasheet HTML 6Page - ON Semiconductor LV5681P Datasheet HTML 7Page - ON Semiconductor LV5681P Datasheet HTML 8Page - ON Semiconductor LV5681P Datasheet HTML 9Page - ON Semiconductor LV5681P Datasheet HTML 10Page - ON Semiconductor LV5681P Datasheet HTML 11Page - ON Semiconductor LV5681P Datasheet HTML 12Page - ON Semiconductor LV5681P Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LV5681P
No.A1902-9/14
Recommended Operation Circuit
Peripheral parts list
Name of part
Description
Recommended value
Remarks
C1
Power supply bypass capacitor
100
μF or more
C2
Oscillation prevention capacitor
0.22
μF or more
These capacitors must be placed near
the VCC and GND pins.
C3
EXT output stabilization capacitor
2.2
μF or more
C4
ANT output stabilization capacitor
2.2
μF or more
C5, C57 C9, C11
Output stabilization capacitor
4.7
μF or more
Electrolytic capacitor *
C6, C8, C10, C12
Output stabilization capacitor
0.22
μF or more
Ceramic capacitor *
R1,R2
Resistor for ILM voltage adjustment
R1/R2
:30k
Ω/5.6kΩ = 8.0V
:27k
Ω/3.9kΩ = 10.0V
:33k
Ω/3.9kΩ = 11.9V
A resistor with resistance accuracy as
low as less than
±1% must be used.
R3, R4
Resistor for AUDIO voltage setting
R3/R4
:30k
Ω/5.6kΩ = 8.0V
:27k
Ω/4.7kΩ = 8.5V
:24k
Ω/3.9kΩ = 9.0V
A resistor with resistance accuracy as
low as less than
±1% must be used.
D1, D2, D3, D4
Diode for internal device breakdown protection
* : In order to stabilize the regulator outputs, it is recommended that the electrolytic capacitor and ceramic capacitor be connected in parallel.
Furthermore, the values listed above do not guarantee stabilization during the overcurrent protection operations of the regulator, so oscillation may occur
during an overcurrent protection operation.
+
+
14
12
10
8
6
4
2
15
13
11
9
7
5
3
1
+
C5
C6
ILM
+
C11 C12
R4
CD
CTRL2
CTRL1
ACC ACC5.7V
SW5.7V
R1
R3
+
C11
D4
C4
C3
D3
D2
D1
C12
VDD5.7V
ANT
EXT
+
C7
C8
AUDIO
+
C1
C2
VCC
R2


Similar Part No. - LV5681P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
More results

Similar Description - LV5681P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com