Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5520X Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PBSS5520X
Description  PNP low VCEsat (BISS) transistor 20 V, 5 A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5520X Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PBSS5520X_15 Datasheet HTML 5Page - NXP Semiconductors PBSS5520X_15 Datasheet HTML 6Page - NXP Semiconductors PBSS5520X_15 Datasheet HTML 7Page - NXP Semiconductors PBSS5520X_15 Datasheet HTML 8Page - NXP Semiconductors PBSS5520X_15 Datasheet HTML 9Page - NXP Semiconductors PBSS5520X_15 Datasheet HTML 10Page - NXP Semiconductors PBSS5520X_15 Datasheet HTML 11Page - NXP Semiconductors PBSS5520X_15 Datasheet HTML 12Page - NXP Semiconductors PBSS5520X_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2004 Nov 08
10
NXP Semiconductors
Product data sheet
20 V, 5 A
PNP low VCEsat (BISS) transistor
PBSS5520X
Reference mounting conditions
001aaa234
2.5 mm
5 mm
1.6 mm
0.5 mm
1 mm
3.96 mm
3 mm
2.5 mm
1 mm
40
mm
32 mm
Fig.14 FR4, standard footprint.
handbook, halfpage
MLE322
40 mm
32 mm
2.5 mm
10 mm
5 mm
1.6 mm
0.5 mm
1 mm
3.96 mm
10 mm
Fig.15 FR4, mounting pad for collector 1 cm2.
001aaa235
2.5 mm
5 mm
1.6 mm
0.5 mm
1 mm
3.96 mm
30 mm
20
mm
40
mm
32 mm
Fig.16 FR4, mounting pad for collector 6 cm2.


Similar Part No. - PBSS5520X_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5520X PHILIPS-PBSS5520X Datasheet
106Kb / 13P
   20 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 08
PBSS5520X PHILIPS-PBSS5520X Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PBSS5520X NXP-PBSS5520X Datasheet
208Kb / 13P
   20 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 08
logo
Nexperia B.V. All right...
PBSS5520X NEXPERIA-PBSS5520X Datasheet
446Kb / 14P
   20 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 08
More results

Similar Description - PBSS5520X_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5520X NXP-PBSS5520X Datasheet
208Kb / 13P
   20 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 08
logo
Nexperia B.V. All right...
PBSS5520X NEXPERIA-PBSS5520X Datasheet
446Kb / 14P
   20 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 08
logo
NXP Semiconductors
PBSS5520X PHILIPS-PBSS5520X Datasheet
106Kb / 13P
   20 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 08
logo
Nexperia B.V. All right...
PBSS4021SP NEXPERIA-PBSS4021SP Datasheet
1Mb / 15P
   20 V, 6.3 A PNP/PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS302PZ NXP-PBSS302PZ Datasheet
172Kb / 14P
   20 V, 5.5 A PNP low VCEsat (BISS) transistor
Rev. 02-20 November 2009
PBSS5120T PHILIPS-PBSS5120T Datasheet
47Kb / 7P
   20 V, 1 A PNP low VCEsat (BISS) transistor
2003 Sep 29
PBSS5220V PHILIPS-PBSS5220V_15 Datasheet
182Kb / 13P
   20 V, 2 A PNP low VCEsat (BISS) transistor
Rev. 03-14 December 2009
PBSS5420D PHILIPS-PBSS5420D_15 Datasheet
131Kb / 14P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02-29 September 2008
logo
Nexperia B.V. All right...
PBSS4021PZ NEXPERIA-PBSS4021PZ Datasheet
729Kb / 15P
   20 V, 6.6 A PNP low VCEsat (BISS) transistor
Rev. 01 - 31 March 2010
logo
NXP Semiconductors
PBSS5320X PHILIPS-PBSS5320X Datasheet
121Kb / 12P
   20 V, 3 A PNP Low VCEsat (BISS) transistor
2004 Nov 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com