Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR3411PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFR3411PBF
Description  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR3411PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFR3411PBF Datasheet HTML 1Page - International Rectifier IRFR3411PBF Datasheet HTML 2Page - International Rectifier IRFR3411PBF Datasheet HTML 3Page - International Rectifier IRFR3411PBF Datasheet HTML 4Page - International Rectifier IRFR3411PBF Datasheet HTML 5Page - International Rectifier IRFR3411PBF Datasheet HTML 6Page - International Rectifier IRFR3411PBF Datasheet HTML 7Page - International Rectifier IRFR3411PBF Datasheet HTML 8Page - International Rectifier IRFR3411PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRFR/U3411PbF
2
www.irf.com
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.2
V
TJ = 25°C, IS = 16A, VGS = 0V
„
trr
Reverse Recovery Time
–––
115 170
ns
TJ = 25°C, IF = 16A
Qrr
Reverse Recovery Charge
–––
505 760
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
33
110
A
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11)
‚ Starting TJ = 25°C, L =1.5mH
RG = 25
Ω, IAS = 16A. (See Figure 12)
ƒ ISD ≤ 16A, di/dt ≤ 340A/µs, VDD ≤ V(BR)DSS,
TJ
≤ 175°C.
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
… This is a typical value at device destruction and represents
operation outside rated limits.
† This is a calculated value limited to TJ = 175°C .
* When mounted on 1" square PCB (FR-4 or G-10 Material). For
recommended footprint dering techniques refer to application note
#AN-994.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.12 –––
V/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
36
44
m
VGS = 10V, ID = 16A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
21
––– –––
S
VDS = 50V, ID = 16A
„
–––
–––
25
µA
VDS = 100V, VGS = 0V
–––
––– 250
VDS = 80V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
––– 100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -20V
Qg
Total Gate Charge
–––
48
71
ID = 16A
Qgs
Gate-to-Source Charge
–––
9.0
14
nC
VDS = 80V
Qgd
Gate-to-Drain ("Miller") Charge
–––
14
21
VGS = 10V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
–––
11
–––
VDD = 50V
tr
Rise Time
–––
35
–––
ID = 16A
td(off)
Turn-Off Delay Time
–––
39
–––
RG = 5.1
tf
Fall Time
–––
35
–––
VGS = 10V, See Fig. 10
„
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
––– 1960 –––
VGS = 0V
Coss
Output Capacitance
–––
250 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
40
–––
pF
ƒ = 1.0MHz, See Fig. 5
EAS
Single Pulse Avalanche Energy
‚
––– 700
… 185† mJ
IAS = 16A, L = 1.5mH
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current


Similar Part No. - IRFR3411PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3411PBF IRF-IRFR3411PBF Datasheet
226Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR3411PBF KERSEMI-IRFR3411PBF Datasheet
3Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
IRFR3411PBF KERSEMI-IRFR3411PBF Datasheet
3Mb / 10P
   HEXFET Power MOSFET
logo
International Rectifier
IRFR3411PBF IRF-IRFR3411PBF Datasheet
293Kb / 10P
    Advanced Process Technology
logo
VBsemi Electronics Co.,...
IRFR3411PBF VBSEMI-IRFR3411PBF Datasheet
1,022Kb / 8P
   N-Channel 100-V (D-S) MOSFET
More results

Similar Description - IRFR3411PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com