Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARK-3510 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ARK-3510
Description  3rd Gen. Intel짰 Core??i3/ i5/ i7 with 2 x 2.5" Removable HDD Bays Fanless Box PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-3510 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ARK-3510_15 Datasheet HTML 1Page - Advantech Co., Ltd. ARK-3510_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fanless Embedded Box PCs
Features
ƒ Supports Intel® Core™ i3/i5/i7 mobile processor(rPGA) + Intel QM77 PCH
ƒ Triple independent display with 3rd gen Core I processor : DVI + HDMI +
DisplayPort
ƒ DDR3/DDR3L SO-DIMM memory support up to 16 GB
ƒ Supports 2 x 2.5" removable SATAIII drive bays
ƒ 2 x miniPCIe cards with SIM card holders
ƒ Versatile I/Os including 4 x high speed USB 3.0 and 4 x COM ports
ƒ Lockable 12V DC jack design
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
Specifications
Processor System
CPU (rPGA)
Intel Core i7-3610QE
Intel Core i5-3610ME
Intel Core i3-3120ME
Celeron 1020E
Frequency
2.3 GHz (Quad Core)
2.7 GHz (Dual Core)
2.4 GHz (Dual Core)
2.2 GHz (Dual Core)
L3 Cache
6 MB
3 MB
3 MB
2 MB
Watts
45W
35W
35W
35W
System Chipset
Intel QM77
BIOS
AMI EFI 64Mbit
Memory
Technology
DDR3/DDR3L 1600 MHz
Max. Capacity
16 GB
Socket
2 x 204-pin SO-DIMM
Graphics
Chipset
Intel QM77 Integrated GFX Gen 7
Graphic Engine
DirectX11, OpenGL 3.1, and Open CL 11; Hardware decode acceleration: AVC/H.264, MPEG-2, VC-1
CRT
VGA integrated in DVI-I port
DVI-I
1920 x 1200 @ 60 Hz
HDMI
Support HDMI 1.4, 1920 x 1200 @ 60Hz
Display port
2560 x 1600 @ 60Hz (Video only, and only support on 3rd generation processor)
Dual Display
VGA+DVI, VGA+HDMI, VGA+DP, DVI+HDMI, DVI+DP, HDMI+DP
VGA+DVI, DVI+HDMI, VGA+HDMI
Triple Display
DVI-D + HDMI + DisplayPort(Main Display)
N/A
Ethernet
LAN1
10/100/1000 Mbps Intel 82579LM GbE, support Wake On Lan
LAN2
10/100/1000 Mbps Intel I-210IT GbE, support Wake On Lan
Audio
Interface
Realtek ALC892, High Definition Audio. Line-out,Mic-in
I/O Interface
Serial Port
2 x RS-232 ports, 2 x RS-232/422/485 port with auto flow control
USB
4 x USB 3.0 ports (USB1,2,3,4) and 2 x USB 2.0 ports (USB5,6)
Expansion
Mini PCIe
2 x Full-size Mini PCIe with SIM holder (Supports mSATA)
Storage
HDD
Two 2.5" SATA removable HDD Bays with maximum device height 9.5mm, SATA III, Gen 3 Support (Max. Data Transfer Rate 600
MB/s), Support SATA RAID 0, 1
Solid State Disk
1 x CFast Card
Software Support
Microsoft Windows
Windows 8 , Windows 7, XP Professional (32bit), XP Embedded (32bit)
Linux
Ubuntu 12.04
Power Requirements
Power Type
AT/ATX
Power Input Voltage
12 VDC, ± 10% (9 ~ 34 VDC support by request)
Power Adapter
AC to DC, DC12V / 7A, 84 W (Optional)
Power Consumption
Typical
19.2W
16.4W
14.8W
16.4W
Max.
60W
36.5W
30W
31.8W
Max. : test with 100% CPU loading and HDD R/W access only.
Mechanical
Construction
Aluminum housing
Mounting
Desk/wall-mounting
Dimensions (W x H x D)
290 x 90 x 232 mm (11.4" x 3.54" x 9.13")
Weight
4.63kg
Environment
Operating Temperature
with extended temp peripherals: -10 ~ 60° C with 0.7m/s air flow
with HDD: 0 ~ 40° C with 0.7m/s air flow
Storage temperature
-40 ~ 85° C
Relative Humidity
95% @ 40° C (non-condensing)
Vibration During Operation With SSD: 3 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 hr/axis.
Shock During Operation
With SSD: 50 G, IEC 60068-2-27, half sine, 11 ms duration
EMC
CE/FCC Class A, CCC, BSMI
Safety
CB, UL, CCC, BSMI
ARK-3510
LISTED
E180881
C ®
UL US
RoHS
COMPLIANT
2002/95/EC
3rd Gen. Intel® Core™ i3/ i5/ i7 with
2 x 2.5" Removable HDD Bays Fanless Box PC
NEW
All product specifications are subject to change without notice
Last updated : 18-Jun-2015


Similar Part No. - ARK-3510_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3510L-00A1E ADVANTECH-ARK-3510L-00A1E Datasheet
1Mb / 2P
   3rd Gen. Intel Core i3/ i5/ i7 with 2 x 2.5' Removable HDD Bays Fanless Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com