Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARK-3360L-N4A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ARK-3360L-N4A1E
Description  Intel짰 Atom??N450/D510 with Multiple I/O High Value Fanless Box PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-3360L-N4A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ARK-3360L-N4A1E Datasheet HTML 1Page - Advantech Co., Ltd. ARK-3360L-N4A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm (inch)
ARK-3360L
Packing List
Part Number
Description
-
1 x ARK-3360 Unit
-
1 x Driver/Utility CD/Manual
-
1 x User Manual (Simplified Chinese)
1960047289T001
Power adapter locker
Embedded OS
Part Number
Description
2070009030
XPE WES2009 V4.0 ENG
2070009031
XPE WES2009 V4.0 MUI24
Optional Items
Part Number
Description
1757003553
Adapter AC 90-264V 36W/12V FSP036-RAB for ARK-3360L
1757004522-01
AC-to-DC Adapter, DC 12V/3.33A 40W, -20 ~ +70° C
1700008921
Power cable 3-Pin 180cm, with PSE for 1757003553
170203180A
Power cable 3-Pin 180cm, UK type, for 1757003553
170203183C
Power cable 3-Pin 180cm, EU type for 1757003553
1700001524
Power cable 3-Pin 180cm, USA type for 1757003553
1702002600
Power cable 3-pin 180cm, USA type, for 1757004522-01
1702002605
Power cable 3-pin 180cm, EU type, for 1757004522-01
1702031801
Power cable 3-pin 180cm, UK type, for 1757004522-01
1960025333N011
VESA mounting bracket
9666K10000E
DIN-rail mounting kit
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
USB0 USB1
CF CARD
COM 1
VGA
LAN1
LAN2
MIC
LINE-OUT
LINE-IN
COM 2
COM 3
COM 4
12V
MIC
LINE-IN
LINE-OUT
COM 2
COM3
COM4
USB0
USB1
LAN1 LAN2
CF CARD
COM1
VGA
Power Input
LVDS
BACKLIGHT
PWR
HDD
DIO
USB4
USB3
USB2
USB5
USB2
USB3
USB4
USB5
DIO
HDD LED
PWR LED
Ordering Information
Part No.
CPU
VGA GbE USB
2.0
RS-232
RS-232/
422/485 DIO
Audio
Full-size
MiniPCIe CF
2.5" SATAII
HDD Bay
Power Input Operation Temp.
ARK-3360L-N4A1E
Intel Atom N450
1.66 GHz
Yes
2
6
3
1
8-bits Lin-out,
Line-in, MIC
1
1
1
12VDC
-20 ~ 60° C
ARK-3360L-D5A1E
Intel Atom D510
1.66 GHz
Yes
2
6
3
1
8-bits Lin-out,
Line-in, MIC
1
1
1
12VDC
-20 ~ 60° C
ARK-3360LZ-N4A1E
Intel Atom N450
1.66 GHz
Yes
2
6
3
1
8-bits Lin-out,
Line-in, MIC
1
1
1
12VDC
-40 ~ 70°C
119.51 (4.705)
125.76 (4.951)
252.50 (9.941)
4.00
(.157)
4.00 (0.158)
5.00 (0.197)
4.00 (0.158)
8.00
(0.315)
8.00 (0.315)
4.00
(0.158)
69.20 (2.724)
69.00 (2.717)


Similar Part No. - ARK-3360L-N4A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3360L-N4A1E ADVANTECH-ARK-3360L-N4A1E Datasheet
414Kb / 2P
   High Performance Mobile Intel짰 ATOM N450/D510 Fanless Solution with Dual Display and Multiple I/O
ARK-3360L-N4A1E ADVANTECH-ARK-3360L-N4A1E Datasheet
2Mb / 2P
   Intel짰 Atom??N450/D510 High Value Fanless Embedded Box PC with Multiple I/O
More results

Similar Description - ARK-3360L-N4A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3360L ADVANTECH-ARK-3360L_12 Datasheet
2Mb / 2P
   Intel짰 Atom??N450/D510 High Value Fanless Embedded Box PC with Multiple I/O
ARK-3360L ADVANTECH-ARK-3360L Datasheet
414Kb / 2P
   High Performance Mobile Intel짰 ATOM N450/D510 Fanless Solution with Dual Display and Multiple I/O
ARK-3360F ADVANTECH-ARK-3360F Datasheet
474Kb / 2P
   High Performance Mobile Intel짰 ATOM N450/D510 Fanless Solution with Dual Display and Multiple I/O
ARK-3360F ADVANTECH-ARK-3360F_12 Datasheet
2Mb / 2P
   Intel짰 Atom??N450/D510 High Value Fanless Embedded Box PC with 3 GigaLAN and Isolated COM Ports
ARK-2120L ADVANTECH-ARK-2120L Datasheet
2Mb / 2P
   Intel짰 Atom??N2600/D2550 High Value Fanless Embedded Box PC with Multiple I/Os
logo
List of Unclassifed Man...
LEC-3010 ETC2-LEC-3010 Datasheet
336Kb / 2P
   Fanless Industrial PC with Intel짰 Atom N450
logo
Advantech Co., Ltd.
ARK-3360F ADVANTECH-ARK-3360F_14 Datasheet
602Kb / 2P
   Intel짰 Atom??N450/D510 with 3 GbE, Isolated COM & wide range power Fanless Box PC
MIOS-5250 ADVANTECH-MIOS-5250 Datasheet
1Mb / 2P
   Intel짰 Atom??N2600/D2550 Fanless Embedded Box PC with Multiple I/O Extension Module
logo
List of Unclassifed Man...
MXE-3000 ETC1-MXE-3000 Datasheet
252Kb / 3P
   Intel짰 Atom??D510 Fanless Embedded Computer with Integrated I/O
logo
Advantech Co., Ltd.
ARK-3360 ADVANTECH-ARK-3360 Datasheet
482Kb / 2P
   High Performance Mobile Intel짰 ATOM N450 Fanless Solution with Dual Display and Multiple I/O
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com