Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC114TM3 Datasheet(PDF) 6 Page - ON Semiconductor

Part # DTC114TM3
Description  Digital Transistors (BRT) R1 = 10 k, R2 =  k
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC114TM3 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button DTC114TM3 Datasheet HTML 2Page - ON Semiconductor DTC114TM3 Datasheet HTML 3Page - ON Semiconductor DTC114TM3 Datasheet HTML 4Page - ON Semiconductor DTC114TM3 Datasheet HTML 5Page - ON Semiconductor DTC114TM3 Datasheet HTML 6Page - ON Semiconductor DTC114TM3 Datasheet HTML 7Page - ON Semiconductor DTC114TM3 Datasheet HTML 8Page - ON Semiconductor DTC114TM3 Datasheet HTML 9Page - ON Semiconductor DTC114TM3 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MUN2215, MMUN2215L, MUN5215, DTC114TE, DTC114TM3, NSBC114TF3
http://onsemi.com
6
TYPICAL CHARACTERISTICS − NSBC114TF3
Figure 7. VCE(sat) vs. IC
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
40
30
20
50
10
0
0.01
0.1
1
100
10
1
1
10
100
1000
Figure 9. Output Capacitance
Figure 10. Output Current vs. Input Voltage
VR, REVERSE VOLTAGE (V)
Vin, INPUT VOLTAGE (V)
50
40
30
20
10
0
0
0.4
0.8
1.2
1.6
2.0
2.4
6
57
4
3
2
1
0
0.001
0.1
1
10
100
Figure 11. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
40
30
50
20
10
0
0.1
1
10
100
IC/IB = 10
150°C
−55°C
25°C
VCE = 10 V
150°C
−55°C
25°C
f = 10 kHz
IE = 0 A
TA = 25°C
VO = 5 V
150°C
−55°C
25°C
VO = 0.2 V
150°C
−55°C
25°C
0.01


Similar Part No. - DTC114TM3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114TM3 ONSEMI-DTC114TM3 Datasheet
140Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 =  k
August, 2012 ??Rev. 0
DTC114TM3 ONSEMI-DTC114TM3 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
November, 2016 ??Rev. 2
DTC114TM3T5G ONSEMI-DTC114TM3T5G Datasheet
82Kb / 10P
   Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
March, 2006 ??Rev. 3
DTC114TM3T5G ONSEMI-DTC114TM3T5G Datasheet
133Kb / 11P
   Digital Transistors
March, 2011 ??Rev. 4
DTC114TM3T5G ONSEMI-DTC114TM3T5G Datasheet
140Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 =  k
August, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com