Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA7808APC Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA7808APC
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7808APC Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA7808APC Datasheet HTML 1Page - KEC(Korea Electronics) KIA7808APC Datasheet HTML 2Page - KEC(Korea Electronics) KIA7808APC Datasheet HTML 3Page - KEC(Korea Electronics) KIA7808APC Datasheet HTML 4Page - KEC(Korea Electronics) KIA7808APC Datasheet HTML 5Page - KEC(Korea Electronics) KIA7808APC Datasheet HTML 6Page - KEC(Korea Electronics) KIA7808APC Datasheet HTML 7Page - KEC(Korea Electronics) KIA7808APC Datasheet HTML 8Page - KEC(Korea Electronics) KIA7808APC Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2015. 5. 12
1/20
SEMICONDUCTOR
TECHNICAL DATA
KIA7805APC~KIA7824APC
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 0
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24V.
FEATURES
・Internal Thermal Overload Protection.
・Internal Short Circuit Current Limiting.
・Output Current up to 1.5A.
・Satisfies IEC-65 Specification. (International Electronical Commission).
・Package is TO-220AB
DIM
MILLIMETERS
TO-220AB(2)
A
B
C
D
E
F
G
H
J
K
L
0.8
0.1
+
_
2.8
0.1
+
_
2.54
0.2
+
_
1.27
0.1
+
_
1.4
0.15
+
_
13.08
0.3
+
_
3.6
0.2
+
_
+
_
9.9
0.2
+
_
9.2
0.2
+
_
4.5
0.3
+
_
2.4
0.2
15.95 MAX
1.3+0.1
0.5+0.1/-0.05
A
F
B
H
K
J
I
I
E
L
C
G
KK
N
D
N
M
M
123
1. INPUT
2. GND
3. OUTPUT
MAXIMUM RATINGS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
KIA7805
KIA7815
VIN
35
V
KIA7818
KIA7824
40
Power Dissipation-1
(No Heatsink)
APC
P
D1
1.9
W
Power Dissipation-2
(Infinite Heatsink)
APC
P
D2
30
Operating Junction Temperature
Tj
-40
~150
Storage Temperature
Tstg
-55
~150
Maximum Junction Tamperature
Tj(max)
150
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
KIA7805APC
5
V
KIA7806APC
6
KIA7807APC
7
KIA7808APC
8
KIA7809APC
9
KIA7810APC
10
KIA7812APC
12
KIA7815APC
15
KIA7818APC
18
KIA7820APC
20
KIA7824APC
24
LINE-UP


Similar Part No. - KIA7808APC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7808AP KEC-KIA7808AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
KIA7808AP KEC-KIA7808AP Datasheet
150Kb / 20P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7808API KEC-KIA7808API Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
KIA7808API KEC-KIA7808API Datasheet
1Mb / 20P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA7808APC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com