Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA79M05F Datasheet(PDF) 7 Page - KEC(Korea Electronics)

Part # KIA79M05F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA79M05F Datasheet(HTML) 7 Page - KEC(Korea Electronics)

  KIA79M05F Datasheet HTML 1Page - KEC(Korea Electronics) KIA79M05F Datasheet HTML 2Page - KEC(Korea Electronics) KIA79M05F Datasheet HTML 3Page - KEC(Korea Electronics) KIA79M05F Datasheet HTML 4Page - KEC(Korea Electronics) KIA79M05F Datasheet HTML 5Page - KEC(Korea Electronics) KIA79M05F Datasheet HTML 6Page - KEC(Korea Electronics) KIA79M05F Datasheet HTML 7Page - KEC(Korea Electronics) KIA79M05F Datasheet HTML 8Page - KEC(Korea Electronics) KIA79M05F Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2002. 9. 24
7/9
KIA79M05F~KIA79M15F
Revision No : 2
0.9
INPUT VOLTAGE (V)
INPUT VOLTAGE
0
OUTPUT CURRENT (A)
20
0.1k
0.01k
FREQUENCY (Hz)
RIPPLE REJECTION
0.1K
FREQUENCY (Hz)
0.01K
100K
1K
10K
OUTPUT IMPEDANCE
1M
OUTPUT CURRENT (A)
0.1
0.6
0.4
0.8
0.2
MINIMUM INPUT-OUTPUT
5
1015
202530
0.95
1.0
1.05
1.1
1.15
QUIESCENT CURRENT vs
0.1
0
0.2
0.3
0.4
0.5
0.8
0.9
1.0
1.1
1.2
OUTPUT VOLTAGE vs
JUNCTION TEMPERATURE ( C)
0.990
-50
1.00
0.995
1.005
-25
1.01
025
50
75
100
125
150
0.990
0.995
1.00
1.005
1.01
TEMPERATURE
V
=-12V, -15V
OUT
V
=-5V
OUT
40
60
80
100
1k
10k
100k
V
=-12V
OUT
-15V
V
=-5V
OUT
V
-V
=5V
IN
OUT
T =25 C
j
C
=1
µF
OUT
SOLID TANTALUM
10 -2
-1
10
0
10
1
10
OUT
C
=5
µF
ACUMINUM
OUT
C
=1.0
µF
SOLID TANTALUM
C
=10
µF
OUT
SOLID TANTALUM
I
=100mA
OUT
IN
V
- V
=5V
OUT
j
T =25 C
0
0.3
0.4
0.5
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
DIFFERENTIAL
T =25 C
j
T =0 C
j
T =125 C
j
35
40
1.2
1.25
1.3
T =25 C
j
T =125 C
j
LOAD CURRENT
1.3
1.4
j
T =25 C
T =0 C
j
T =125 C
j


Similar Part No. - KIA79M05F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA79M05F KEC-KIA79M05F Datasheet
444Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
More results

Similar Description - KIA79M05F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com