Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA78S05P Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA78S05P
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78S05P Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA78S05P Datasheet HTML 1Page - KEC(Korea Electronics) KIA78S05P Datasheet HTML 2Page - KEC(Korea Electronics) KIA78S05P Datasheet HTML 3Page - KEC(Korea Electronics) KIA78S05P Datasheet HTML 4Page - KEC(Korea Electronics) KIA78S05P Datasheet HTML 5Page - KEC(Korea Electronics) KIA78S05P Datasheet HTML 6Page - KEC(Korea Electronics) KIA78S05P Datasheet HTML 7Page - KEC(Korea Electronics) KIA78S05P Datasheet HTML 8Page - KEC(Korea Electronics) KIA78S05P Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2011. 4. 5
1/16
SEMICONDUCTOR
TECHNICAL DATA
KIA78S05P~KIA78S24P
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 3
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24V.
FEATURES
・Suitable for TTL, DTL, HTL, C-MOS Power Supply.
・Internal Short-Circuit Current Limiting.
Internal Thermal Overload Protection.
・Maximum Output Current of 150mA (Tj=25℃).
・Packaged in TO-92.
MAXIMUM RATINGS (Ta=25
℃)
3. INPUT
2. COMMON
1. OUTPUT
N1.00
M
0.45 MAX
N
E
C
E
F
F
H
G
K
B
3
2
1
D
2.30
0.55 MAX
14.00 0.50
0.45
0.85
1.27
1.00
0.45
3.70 MAX
4.80 MAX
4.70 MAX
L
K
J
H
G
F
D
C
B
A
MILLIMETERS
DIM
TO-92
+
_
Q14
Q1
Q3
Q5
Z1
Q16
Q2
Q4
Q6
Q7
Q9
Q10
Q11
Q12
Q13
C1
3
1
2
INPUT
OUTPUT
COMMON
EQUIVALENT CIRCUIT
Q8
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
(5V
~15V)
VIN
35
V
(18V
~24V)
40
V
Power Dissipation
PD
600
mW
Operating Junction Temperature
Tj
-30
~150
Operating Temperature
Topr
-30
~85
Storage Temperature
Tstg
-55
~150


Similar Part No. - KIA78S05P

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78S05P KEC-KIA78S05P Datasheet
345Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
More results

Similar Description - KIA78S05P

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com