Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA78L05BP Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KIA78L05BP
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78L05BP Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIA78L05BP Datasheet HTML 1Page - KEC(Korea Electronics) KIA78L05BP Datasheet HTML 2Page - KEC(Korea Electronics) KIA78L05BP Datasheet HTML 3Page - KEC(Korea Electronics) KIA78L05BP Datasheet HTML 4Page - KEC(Korea Electronics) KIA78L05BP Datasheet HTML 5Page - KEC(Korea Electronics) KIA78L05BP Datasheet HTML 6Page - KEC(Korea Electronics) KIA78L05BP Datasheet HTML 7Page - KEC(Korea Electronics) KIA78L05BP Datasheet HTML 8Page - KEC(Korea Electronics) KIA78L05BP Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2000. 9. 20
4/16
KIA78L05BP/BPV~KIA78L24BP/BPV
Revision No : 4
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
Tj=25
7.7
8.0
8.3
V
Input Regulation
Reg line
1
Tj=25
10.5V VIN 23V
-
20
175
mV
11V VIN 23V
-
12
125
Load Regulation
Reg load
1
Tj=25
1.0mA IOUT 100mA
-
15
80
mV
1.0mA IOUT 40mA
-
7.0
40
Output Voltage
VOUT
1
10.5V VIN 23V
1.0mA IOUT 40mA
7.6
-
8.4
V
VIN=14V, 1.0mA IOUT 70mA
7.6
-
8.4
Quiescent Current
IB
1
Tj=25
-
3.1
6.5
mA
Tj=125
-
-
6.0
Quiescent Current Change
IB
1
11V VIN 23V
-
-
1.5
mA
1.0mA IOUT 40mA
-
-
0.1
Output Noise Voltage
VNO
1
Ta=25 , 10Hz f 100kHz
-
60
-
Vrms
Long Term Stability
VOUT/ t
1
-
20
-
mV/
1.0kHrs
Ripple Rejection Ratio
RR
2
f=120Hz,
12V VIN 23V, Tj=25
37
45
-
dB
Dropout Voltage
| VIN-VOUT |
1
Tj=25
-
1.7
-
V
Average Temperature
Coefficient of Output Voltage
TCVO
1
IOUT=5mA
-
-0.8
-
mV/
ELECTRICAL CHARACTERISTICS
KIA78L08BP/BPV
(Unless otherwise specified, VIN=14V, IOUT=40mA, CIN=0.33 F, COUT=0.1 F, 0
Tj 125 )


Similar Part No. - KIA78L05BP

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78L05BP KEC-KIA78L05BP Datasheet
350Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78L05BPV KEC-KIA78L05BPV Datasheet
350Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
More results

Similar Description - KIA78L05BP

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com