Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MTAN6313-AHRG Datasheet(PDF) 1 Page - Marktech Corporate

Part No. MTAN6313-AHRG
Description  Marktech 1.20 8x8 Bi−Color Dot Matrix
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTAN6313-AHRG Datasheet(HTML) 1 Page - Marktech Corporate

  MTAN6313-AHRG Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
460
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
1.2" 8x8 Bi-Color Dot Ma
1.2" 8x8 Bi-Color Dot Ma
1.2" 8x8 Bi-Color Dot Ma
1.2" 8x8 Bi-Color Dot Ma
1.2" 8x8 Bi-Color Dot Matrix Displa
trix Displa
trix Displa
trix Displa
trix Displayyyyy
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
· 1.2" 8x8 dot matrix display
· Grey surface/white epoxy color
1. ALL DIMENSIONS ARE IN mm, TOLERANCE IS ±0.25mm UNLESS OTHERWISE SPECIFIED.
2.THESLOPEANGLEOFANYPINMAYBE±5.0°MAX.
PINOUT 1
PINOUT 2
COLUMN ANODE
COLUMN CATHODE
PIN NO. FUNCTION
PIN NO.
FUNCTION
1.
ANODE COLUMN 5 (HR)
1.
CATHODE COLUMN 5 (HR)
2.
ANODE COLUMN 5 (G)
2.
CATHODE COLUMN 5 (G)
3.
CATHODE ROW 5
3.
ANODE ROW 5
4.
ANODE COLUMN 6 (HR)
4.
CATHODE COLUMN 6 (HR)
5.
ANODE COLUMN 6 (G)
5.
CATHODE COLUMN 6 (G)
6.
CATHODE ROW 6
6.
ANODE ROW 6
7.
ANODE COLUMN 7 (HR)
7.
CATHODE COLUMN 7 (HR)
8.
ANODE COLUMN 7 (G)
8.
CATHODE COLUMN 7 (G)
9.
CATHODE ROW 7
9.
ANODE ROW 7
10.
ANODE COLUMN 8 (HR)
10.
CATHODE COLUMN 8 (HR)
11.
ANODE COLUMN 8 (G)
11.
CATHODE COLUMN 8 (G)
12.
CATHODE ROW 8
12.
ANODE ROW 8
13.
CATHODE ROW 4
13.
ANODE ROW 4
14.
ANODE COLUMN 4 (G)
14.
CATHODE COLUMN 4 (G)
15.
ANODE COLUMN 4 (HR)
15.
CATHODE COLUMN 4 (HR)
16.
CATHODE ROW 3
16.
ANODE ROW 3
17.
ANODE COLUMN 3 (G)
17.
CATHODE COLUMN 3 (G)
18.
ANODE COLUMN 3 (HR)
18.
CATHODE COLUMN 3 (HR)
19.
CATHODE ROW 2
19.
ANODE ROW 2
20.
ANODE COLUMN 2 (G)
20.
CATHODE COLUMN 2 (G)
21.
ANODE COLUMN 2 (HR)
21.
CATHODE COLUMN 2 (HR)
22.
CATHODE ROW 1
22.
ANODE ROW 1
23.
ANODE COLUMN 1 (G)
23.
CATHODE COLUMN 1 (G)
24.
ANODE COLUMN 1 (HR)
24.
CATHODE COLUMN 1 (HR)
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
P
PP
P
PA
A
A
A
ACKA
CKA
CKA
CKA
CKAGE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
PART NO.
EMITTED
COLOR
PEAK
WAVE
LENGTH
(nm)
MAXIMUM RATINGS
OPTO-ELECTRICAL CHARACTERISTICS
PIN-
OUT
IF
(mA)
VR
(V)
PD
(mW)
VF(V)
IR(µA)
IV(mcd)
typ.
max.
@mA
max.
@VR
typ. per
seg.
@mA
MTAN6313-AHRG
(HR)
Hi-Eff Red
635
30
5
85
2.1
3.0
20
100
5
15.2
10
1
(G)
Green
567
30
5
85
2.1
3.0
20
100
5
13.2
10
1
MTAN6413-CHRG
(HR)
Hi-Eff Red
635
30
5
85
2.1
3.0
20
100
5
15.2
10
2
(G)
Green
567
30
5
85
2.1
3.0
20
100
5
13.2
10
2
Operating Temperature: -25~+85, Storage Temperature: -25~+100. Other face/epoxy colors are available.


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn