Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTAN6311-AHRG Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTAN6311-AHRG
Description  Marktech 1.20 5x7 Bi−Color Dot Matrix
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTAN6311-AHRG Datasheet(HTML) 1 Page - Marktech Corporate

  MTAN6311-AHRG Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
459
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
1.2" 5x7 Bi-Color Dot Ma
1.2" 5x7 Bi-Color Dot Ma
1.2" 5x7 Bi-Color Dot Ma
1.2" 5x7 Bi-Color Dot Ma
1.2" 5x7 Bi-Color Dot Matrix Displa
trix Displa
trix Displa
trix Displa
trix Displayyyyy
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
· 1.2" 5x7 bi-color dot matrix display
· Grey surface/white epoxy color
· High efficiency red and green
1. ALL DIMENSIONS ARE IN mm, TOLERANCE IS ±0.25mm UNLESS OTHERWISE SPECIFIED.
2. THE SLOPE ANGLE OF ANY PIN MAY BE ±5.0° MAX.
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
P
PP
P
PA
A
A
A
ACKA
CKA
CKA
CKA
CKAGE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
PINOUT 1*
PINOUT 2
COLUMN ANODE
COLUMN CATHODE
PIN NO. FUNCTION
PIN NO. FUNCTION
1.
CATHODE ROW 7 (HR)
1.
ANODE ROW 7 (G)
2.
CATHODE ROW 7 (G)
2.
ANODE ROW 7 (HR)
3.
ANODE COLUMN 1
3.
CATHODE COLUMN 1
4.
ANODE COLUMN 2
4.
CATHODE COLUMN 2
5.
ANODE COLUMN 3
5.
CATHODE COLUMN 3
6.
ANODE COLUMN 4
6.
CATHODE COLUMN 4
7.
ANODE COLUMN 5
7.
CATHODE COLUMN 5
8.
CATHODE ROW 6 (HR)
8.
ANODE ROW 6 (G)
9.
CATHODE ROW 6 (G)
9.
ANODE ROW 6 (HR)
10.
NO CONNECTION
10.
NO CONNECTION
11.
CATHODE ROW 5 (HR)
11.
ANODE ROW 5 (G)
12.
CATHODE ROW 5 (G)
12.
ANODE ROW 5 (HR)
13.
CATHODE ROW 4 (HR)
13.
ANODE ROW 4 (G)
14.
CATHODE ROW 4 (G)
14.
ANODE ROW 4 (HR)
15.
CATHODE ROW 3 (HR)
15.
ANODE ROW 3 (G)
16.
CATHODE ROW 3 (G)
16.
ANODE ROW 3 (HR)
17.
CATHODE ROW 2 (HR)
17.
ANODE ROW 2 (G)
18.
CATHODE ROW 2 (G)
18.
ANODE ROW 2 (HR)
19.
CATHODE ROW 1 (HR)
19.
ANODE ROW 1 (G)
20.
CATHODE ROW 1 (G)
20.
ANODE ROW 1 (HR)
PART NO.
EMITTED
COLOR
PEAK
WAVE
LENGTH
(nm)
MAXIMUM RATINGS
OPTO-ELECTRICAL CHARACTERISTICS
PIN-
OUT
IF
(mA)
VR
(V)
PD
(mW)
VF(V)
IR(µA)
IV(µcd)
typ.
max.
@mA
max.
@VR
typ. per
seg.
@mA
MTAN6311-AHRG
(HR)
Hi-Eff Red
635
30
5
85
2.1
3.0
20
100
5
10400
20
1
(G)
Green
567
30
5
85
2.1
3.0
20
100
5
9000
20
1
MTAN6411-CHRG
(HR)
Hi-Eff Red
635
30
5
85
2.1
3.0
20
100
5
10400
20
2
(G)
Green
567
30
5
85
2.1
3.0
20
100
5
9000
20
2
Operating Temperature: -25~+85, Storage Temperature: -25~+100. Other face/epoxy colors are available.
* Note: Starting color can be HR or G. Contact factory for
special options


Similar Part No. - MTAN6311-AHRG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTAN6313-AHRG MARKTECH-MTAN6313-AHRG Datasheet
57Kb / 1P
   Marktech 1.20 8x8 Bi−Color Dot Matrix
MTAN6314A-AHRG MARKTECH-MTAN6314A-AHRG Datasheet
51Kb / 1P
   Marktech 1.40 5x8 Bi−Color Dot Matrix
MTAN6315-AGHR MARKTECH-MTAN6315-AGHR Datasheet
52Kb / 1P
   Marktech 1.50 8x8 Bi−Color Dot Matrix
MTAN6315-AHRG MARKTECH-MTAN6315-AHRG Datasheet
52Kb / 1P
   Marktech 1.50 8x8 Bi−Color Dot Matrix
MTAN6319-AHRG MARKTECH-MTAN6319-AHRG Datasheet
73Kb / 1P
   Marktech 1.90 8x8 Bi−Color Dot Matrix
More results

Similar Description - MTAN6311-AHRG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTAN6313-AHRG MARKTECH-MTAN6313-AHRG Datasheet
57Kb / 1P
   Marktech 1.20 8x8 Bi−Color Dot Matrix
MTAN6340-AHRG MARKTECH-MTAN6340-AHRG Datasheet
53Kb / 1P
   Marktech 4.00 5x7 Bi−Color Dot Matrix
MTAN6370-AHRG MARKTECH-MTAN6370-AHRG Datasheet
40Kb / 1P
   Marktech 0.68 5x7 Bi−Color Dot Matrix
MTAN2111-11A MARKTECH-MTAN2111-11A Datasheet
44Kb / 1P
   Marktech 1.20 5x7 Dot Matrix
MTAN6220-42 MARKTECH-MTAN6220-42 Datasheet
40Kb / 1P
   Marktech 2.00 5x7 Bi−Color 14−Pin Dot Matrix
MTAN6320-GO MARKTECH-MTAN6320-GO Datasheet
50Kb / 1P
   Marktech 2.00 5x7 Bi−Color 20−Pin Dot Matrix
MTAN6323-AHRG MARKTECH-MTAN6323-AHRG Datasheet
49Kb / 1P
   Marktech 2.30 8x8 Bi−Color Dot Matrix
MTAN6415-CGHR MARKTECH-MTAN6415-CGHR Datasheet
52Kb / 1P
   Marktech 1.50 8x8 Bi−Color Dot Matrix
MTAN6319-AHRG MARKTECH-MTAN6319-AHRG Datasheet
73Kb / 1P
   Marktech 1.90 8x8 Bi−Color Dot Matrix
MTAN6524-AHRG MARKTECH-MTAN6524-AHRG Datasheet
57Kb / 1P
   Marktech 2.30 5x8 Bi−Color Dot Matrix
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com