Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

130146-0156 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 130146-0156
Description  Watertite Receptacle with Single Flip Coverplate, 2 Pole/2 Wire, NEMA-L2-20, 250V
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

130146-0156 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130146-0156
Status:
Active
Overview:
Watertite® Wet-Location Wiring Solutions
Description:
Watertite® Receptacle with Single Flip Coverplate, 2 Pole/2 Wire, NEMA-L2-20, 250V
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR6837
UL
E68122
General
Product Family
Wiring Devices
Series
130146
IP Rating
IP67
NEMA Configuration
NEMA L2-20
Overview
Watertite® Wet-Location Wiring Solutions
Product Literature Order No
987650-8067
Product Name
Watertite®
Receptacle Type
Single
Specialty
N/A
Type
Receptacle
UPC
78678871458
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
No
Flip Lid
No
Gender
Female
Length
N/A
Locking Blade
Yes
Poles
2-pole/2-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
20.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
250V
Material Info
Old Part Number
67W07
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130146Series
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn