Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR15N20DPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFR15N20DPBF
Description  High frequency DC-DC converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR15N20DPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFR15N20DPBF Datasheet HTML 2Page - International Rectifier IRFR15N20DPBF Datasheet HTML 3Page - International Rectifier IRFR15N20DPBF Datasheet HTML 4Page - International Rectifier IRFR15N20DPBF Datasheet HTML 5Page - International Rectifier IRFR15N20DPBF Datasheet HTML 6Page - International Rectifier IRFR15N20DPBF Datasheet HTML 7Page - International Rectifier IRFR15N20DPBF Datasheet HTML 8Page - International Rectifier IRFR15N20DPBF Datasheet HTML 9Page - International Rectifier IRFR15N20DPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRFR/U15N20DPbF
6
www.irf.com
25
50
75
100
125
150
175
0
100
200
300
400
500
600
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
4.2A
7.2A
10A
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
RG
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
VGS


Similar Part No. - IRFR15N20DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR15N20DPBF IRF-IRFR15N20DPBF Datasheet
230Kb / 11P
   HEXFET짰Power MOSFET
IRFR15N20DPBF IRF-IRFR15N20DPBF Datasheet
231Kb / 11P
   High frequency DC-DC converters
More results

Similar Description - IRFR15N20DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
   High frequency DC-DC converters
logo
International Rectifier
IRFS33N15DTRLP IRF-IRFS33N15DTRLP Datasheet
150Kb / 12P
   High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
   High frequency DC-DC converters
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
   High frequency DC-DC converters
IRFP4710PBF IRF-IRFP4710PBF_15 Datasheet
183Kb / 9P
   High frequency DC-DC converters
IRFR24N15DPBF IRF-IRFR24N15DPBF_15 Datasheet
282Kb / 10P
   High frequency DC-DC converters
IRFR3410PBF IRF-IRFR3410PBF_15 Datasheet
237Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com