Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-W10AT001-30 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE-W10AT001-30
Description  Rugged waveguide configuration
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W10AT001-30 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-W10AT001-30 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W10AT001-30 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W10AT001-30 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Pasternack’s Continuously Variable Waveguide Attenuators are offered for the frequency range of 33 to 110 GHz in five
waveguide bands. The attenuation value of the Continuously Variable attenuators are from 0 to 30 dB with full waveguide
operational bandwidth. The Continuously Variable attenuators are equipped with a micrometer, which enables rapid re-setting.
With calibrated charts, attenuators can be used as direct reading attenuator for bench top test set use. The level setting
attenuators are typically used in the test setups and prototype assemblies where certain attenuation is required.
• W-Band
Rugged waveguide configuration
• Full band operation
• Up to 30 dB attenuation
• Low cost
Configuration
Design
Continuously Variable Attenuator
Waveguide
WR-10
Flange
UG 387/U-Mod
Body Material and Plating
Copper, Gold
Electrical Specifications Values at 25°C, sea level
Description
Minimum
Typical
Maximum
Units
Frequency Range
75
110
GHz
Impedance
50
Ohms
Typical Attenuation Value
0
30
dB
Insertion Loss
1
dB
.
Mechanical Specifications
Description
Flange 1
Waveguide
Flange 2
Interface
UG 387/U-Mod
WR-10
UG 387/U-Mod
Material
Copper
Copper
Copper
Plating
Gold
Gold
Gold
Color
Gold
Gold
Gold
...
Size
Length
2.5 in [63.5 mm]
Width
0.75 in [19.05 mm]
Height
2.165 in [54.99 mm]
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
PE-W10AT001-30
0 to 30 dB Waveguide Continuously Variable Attenuator, WR-
10, From 75 GHz To 110 GHz, UG 387/U-Mod Flange
PE-W10AT001-30 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 30 dB Waveguide Continuously Variable Attenuator, WR-10, From 75 GHz To 110 GHz,
UG 387/U-Mod Flange PE-W10AT001-30


Similar Part No. - PE-W10AT001-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W10AT5001 PASTERNACK-PE-W10AT5001 Datasheet
537Kb / 5P
   WR-10 Waveguide Direct Read Attenuator, 0 to 50 dB, From 75 GHz to 110 GHz, UG-387/U-Mod Round Cover Flange, Dial
More results

Similar Description - PE-W10AT001-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W12AT001-30 PASTERNACK-PE-W12AT001-30 Datasheet
406Kb / 3P
   Rugged waveguide configuration
PE-W19AT001-30 PASTERNACK-PE-W19AT001-30 Datasheet
407Kb / 3P
   Rugged waveguide configuration
PE-W22AT001-30 PASTERNACK-PE-W22AT001-30 Datasheet
408Kb / 3P
   Rugged waveguide configuration
PE-W15AT001-30 PASTERNACK-PE-W15AT001-30 Datasheet
406Kb / 3P
   Rugged waveguide configuration
logo
Rhombus Industries Inc.
T-31201 RHOMBUS-IND-T-31201 Datasheet
30Kb / 1P
   Single Configuration / Dual Configuration
logo
Texas Instruments
DLPR910 TI1-DLPR910 Datasheet
250Kb / 16P
[Old version datasheet]   Configuration PROM
logo
List of Unclassifed Man...
E02068 ETC2-E02068 Datasheet
22Kb / 1P
   Bezeichnung Configuration
logo
Texas Instruments
DLPR910 TI1-DLPR910_17 Datasheet
299Kb / 17P
[Old version datasheet]   Configuration PROM
DLPR410 TI1-DLPR410_18 Datasheet
264Kb / 17P
[Old version datasheet]   Configuration PROM
logo
Shanghai Leiditech Elec...
BGX50A LEIDITECH-BGX50A Datasheet
720Kb / 5P
   Bridge configuration
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com