Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE80T3001 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE80T3001
Description  Maximum Power Input 20 dBm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80T3001 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE80T3001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE80T3001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE80T3001 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Typical Performance Data
-40,000
-30,000
-20,000
-10,000
0
10,000
20,000
60
64
68
71
75
79
83
86
90
Freq. GHz
SENSITIVITY
SENSITIVITY
(mV/mW)
Zero Biased E Band Waveguide Detector, WR-12, Negative Video Out, 60 GHz to 90 GHz, UG-387/U from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Zero Biased E Band Waveguide Detector, WR-12, Negative Video Out, 60 GHz to 90 GHz, UG-
387/U PE80T3001
URL: http://www.pasternack.com/zero-biased-e-band-waveguide-detector-wr-12-negative-60-90-ghz-pe80t3001-p.aspx
PE80T3001
PE80T3001 REV 1.0
Zero Biased E Band Waveguide Detector, WR-12,
Negative Video Out, 60 GHz to 90 GHz, UG-387/U


Similar Part No. - PE80T3001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80T3000 PASTERNACK-PE80T3000 Datasheet
378Kb / 3P
   Zero Biased W Band Waveguide Detector, WR-10, Negative Video Out, 75 GHz to 100 GHz, UG-387-U
PE80T3002 PASTERNACK-PE80T3002 Datasheet
404Kb / 3P
   Maximum Power Input 20 dBm
PE80T3003 PASTERNACK-PE80T3003 Datasheet
390Kb / 3P
   Maximum Power Input 20 dBm
PE80T3004 PASTERNACK-PE80T3004 Datasheet
391Kb / 3P
   DC Output: SMA Female Connector
PE80T3005 PASTERNACK-PE80T3005 Datasheet
389Kb / 3P
   Maximum Power Input 20 dBm
More results

Similar Description - PE80T3001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80T3005 PASTERNACK-PE80T3005 Datasheet
389Kb / 3P
   Maximum Power Input 20 dBm
PE80T3002 PASTERNACK-PE80T3002 Datasheet
404Kb / 3P
   Maximum Power Input 20 dBm
PE80T3003 PASTERNACK-PE80T3003 Datasheet
390Kb / 3P
   Maximum Power Input 20 dBm
logo
Lineage Power Corporati...
FLTR100V20 LINEAGEPOWER-FLTR100V20 Datasheet
478Kb / 12P
   75 Vdc Input Maximum, 20 A Maximum
logo
Transcom, Inc.
TC1901 TRANSCOM-TC1901 Datasheet
110Kb / 3P
   2 - 20 GHz 20 dBm MMIC
TA100-160-32-20 TRANSCOM-TA100-160-32-20 Datasheet
17Kb / 1P
   10 - 16GHz 20 dBm Amplifier
logo
Pasternack Enterprises,...
PE15A6012 PASTERNACK-PE15A6012 Datasheet
512Kb / 7P
   Amplifier, -20 to 20 dBm Pin, SMA
PE15A6008 PASTERNACK-PE15A6008 Datasheet
513Kb / 7P
   Amplifier, -20 to 20 dBm Pin, SMA
logo
Transcom, Inc.
TA060-180-28-20 TRANSCOM-TA060-180-28-20 Datasheet
18Kb / 1P
   6 - 18GHz 20 dBm Amplifier
logo
Texas Instruments
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com