Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE71S6198 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE71S6198
Description  DC to 10 GHz Operating Frequency Range
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6198 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE71S6198 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6198 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6198 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6198 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6198 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6198 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TECHNICAL DATA SHEET
The PE71S6198 is Single Pole Six Throw Switch that operates from DC to 10 GHz. The switch has a Failsafe Actuator and
1M life cycles. The switch has an opating voltage of 12 Volts.
Features
• SP6T Switch
• DC to 10 GHz Operating Frequency Range
• 1 M Cycles min
• Failsafe Switch
Applications
• Test & Measurement
• Communications System
• Instrumentation
Electrical Specifications
Frequency Range
DC to 10 GHz
Impedance
50 Ohms
Actuator
Failsafe
Actuating Current
325 mA
Control Voltage
12 Volts
RF Input Power (Max CW)
50 Watts
RF Characteristic
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Frequency Range
DC to 4
4 to 10
GHz
VSWR, Max
1.2:1
1.6:1
Insertion Loss, Max
0.2
0.6
dB
Isolation, Min
80
60
dB
.
Mechanical Specifications
Connector Type
TNC Female
Operating Life
1,000,000
Terminals
Solder Pins
Switching Time (nominal voltage, 25°C)
50 ms Max
Environmental Specifications
Temperature
Operating Range
-25 to +65 deg C
Environment
Design to meet MIL-DTL-3928
Size
Length
2.455 in [62.36 mm]
Width/Dia.
1.7 in [43.18 mm]
Height
0.72 in [18.29 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SP6T Electromechanical Relay Switch DC to 10 GHz, TNC, 50 Watts, 12V Control with Fail-
safe PE71S6198
PE71S6198
PE71S6198 REV 1.0
SP6T Electromechanical Relay Switch DC to 10 GHz,
TNC, 50 Watts, 12V Control with Failsafe


Similar Part No. - PE71S6198

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6190 PASTERNACK-PE71S6190 Datasheet
412Kb / 4P
   SP4T Switch
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6192 PASTERNACK-PE71S6192 Datasheet
495Kb / 6P
   SP4T Switch
PE71S6193 PASTERNACK-PE71S6193 Datasheet
436Kb / 4P
   SP4T Electromechanical Relay Switch DC to 10 GHz, N, 50 Watts, 28V Control with Indicators, Normally Open, TTL
PE71S6194 PASTERNACK-PE71S6194 Datasheet
424Kb / 4P
   DC to 10 GHz Operating Frequency Range
More results

Similar Description - PE71S6198

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6194 PASTERNACK-PE71S6194 Datasheet
424Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6199 PASTERNACK-PE71S6199 Datasheet
746Kb / 6P
   DC to 10 GHz Operating Frequency Range
PE71S6183 PASTERNACK-PE71S6183 Datasheet
413Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE15A3001 PASTERNACK-PE15A3001 Datasheet
455Kb / 5P
   DC to 10 GHz Frequency Range
logo
Silicon Laboratories
SL23EP04 SILABS-SL23EP04 Datasheet
742Kb / 16P
   10 to 220 MHz operating frequency range
logo
Pasternack Enterprises,...
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
   DC to 6 GHz Frequency Range
logo
Analog Devices
HMC520A AD-HMC520A Datasheet
423Kb / 28P
   Radio frequency (RF) range: 6 GHz to 10 GHz
logo
Vishay Siliconix
BA779-G VISHAY-BA779-G Datasheet
97Kb / 4P
   Wide frequency range 10 MHz to 1 GHz
Rev. 1.2, 25-Feb-13
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6552 AVAGO-AMGP-6552 Datasheet
151Kb / 8P
   IF frequency range from DC to 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com