Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE70A3900 Datasheet(PDF) 7 Page - Pasternack Enterprises, Inc.

Part # PE70A3900
Description  Step Resolution of 1 dB
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70A3900 Datasheet(HTML) 7 Page - Pasternack Enterprises, Inc.

  PE70A3900 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE70A3900 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE70A3900 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE70A3900 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE70A3900 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE70A3900 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE70A3900 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE70A3900 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
TECHNICAL DATA SHEET
PE70A3900
PE70A3900 REV 1.0
30 dB Programmable USB Controlled Attenuator, SMA Female To SMA Female, 1 dB Steps From 100 MHz To 18 GHz from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 30 dB Programmable USB Controlled Attenuator, SMA Female To SMA Female, 1 dB Steps From
100 MHz To 18 GHz PE70A3900
URL:
http://www.pasternack.com/30db-programmable-usb-controlled-sma-female-sma-female-0-watts-attenuator-
pe70a3900-p.aspx
30 dB Programmable USB Controlled Attenuator, SMA Female
To SMA Female, 1 dB Steps From 100 MHz To 18 GHz


Similar Part No. - PE70A3900

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE70A3901 PASTERNACK-PE70A3901 Datasheet
335Kb / 3P
   Step Resolution of 1 dB
PE70A3902 PASTERNACK-PE70A3902 Datasheet
581Kb / 6P
   TECHNICAL DATA SHEET
More results

Similar Description - PE70A3900

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE70A3901 PASTERNACK-PE70A3901 Datasheet
335Kb / 3P
   Step Resolution of 1 dB
PE70A5002 PASTERNACK-PE70A5002 Datasheet
543Kb / 7P
   Step Resolution of 1 dB
PE70A5000 PASTERNACK-PE70A5000 Datasheet
562Kb / 8P
   Step Resolution of 0.25 dB
PE70A6000 PASTERNACK-PE70A6000 Datasheet
514Kb / 8P
   Step Resolution of 0.06 dB
logo
Analog Devices
ADL5205 AD-ADL5205 Datasheet
1Mb / 32P
   Dual, 35 dB Range, 1 dB Step Size DGA
AD8372 AD-AD8372 Datasheet
724Kb / 16P
   41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. 0
AD8372 AD-AD8372_15 Datasheet
555Kb / 16P
   41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. B
ADL5206 AD-ADL5206 Datasheet
1,010Kb / 25P
   1.0 GHz DGA with 30 dB Range and 1 dB Step Size
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
   3 dB/step, 30 dB Range
logo
Pasternack Enterprises,...
PE7034-1 PASTERNACK-PE7034-1 Datasheet
258Kb / 3P
   0 to 1 dB Rotary Step Attenuator, BNC Female To BNC Female With 0.1 dB Step Rated To 1 Watt Up To 1 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com